Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2603 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2603
Description  Single-Cell 150mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2603 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2603 Datasheet HTML 1Page - Monolithic Power Systems MP2603 Datasheet HTML 2Page - Monolithic Power Systems MP2603 Datasheet HTML 3Page - Monolithic Power Systems MP2603 Datasheet HTML 4Page - Monolithic Power Systems MP2603 Datasheet HTML 5Page - Monolithic Power Systems MP2603 Datasheet HTML 6Page - Monolithic Power Systems MP2603 Datasheet HTML 7Page - Monolithic Power Systems MP2603 Datasheet HTML 8Page - Monolithic Power Systems MP2603 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP2603 – SINGLE CELL 150mA LINEAR LI-ION BATTERY CHARGER
MP2603 Rev. 1.01
www.MonolithicPower.com
5
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, C1 = 1µF, C2 = 1µF, TA = +25°C, unless otherwise noted.
Charge Current vs
Battery Votlage
0.18
0.15
0.12
0.09
0.06
0.03
0.00
BATTERY VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0
200
400
600
800
CHARGE TIME (MIN)
Battery Charge Curve
Battery Voltage vs
Input Voltage
4.30
4.24
4.18
4.12
4.06
4.00
INPUT VOLTAGE (V)
4.5 5.0 5.5 6.0
7.0 7.5 8.0
6.5
Charge Current vs
Battery Voltage
0.20
0.18
0.16
0.14
0.12
0.10
BATTERY VOLTAGE (V)
2.5 2.7 2.9 3.1
3.5 3.7 3.9
3.3
4.1
0.5
1.5
2.5
4.5
3.5
ICHG = 45mA
ICHG = 0mA
Charge Current vs
Input Voltage
0.170
0.162
0.154
0.146
0.138
0.130
INPUT VOLTAGE (V)
4.5
5.0
5.5
6.0
7.0
6.5
Charge Current vs
RPGM Resistance
10
9
8
7
6
5
4
3
2
1
0
CHARGE CURRENT (mA)
40
60
80
100
140 160
120
VBATT = 3.8V
VBATT = 3.4V
IBATT
VBATT
VIN = 8V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com