Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2603 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2603
Description  Single-Cell 150mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2603 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP2603 Datasheet HTML 1Page - Monolithic Power Systems MP2603 Datasheet HTML 2Page - Monolithic Power Systems MP2603 Datasheet HTML 3Page - Monolithic Power Systems MP2603 Datasheet HTML 4Page - Monolithic Power Systems MP2603 Datasheet HTML 5Page - Monolithic Power Systems MP2603 Datasheet HTML 6Page - Monolithic Power Systems MP2603 Datasheet HTML 7Page - Monolithic Power Systems MP2603 Datasheet HTML 8Page - Monolithic Power Systems MP2603 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP2603 – SINGLE CELL 150mA LINEAR LI-ION BATTERY CHARGER
MP2603 Rev. 1.01
www.MonolithicPower.com
6
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, C1 = 1µF, C2 = 1µF, TA = +25°C, unless otherwise noted.
Reverse Current vs
Battery Votlage
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
BATTERY VOLTAGE (V)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
2.5 3 3.5
4.5
4
5.5
5
6 6.5 7
INPUT VOLTAGE (V)
Forward Leakage Current
Charge Current vs
Temperature
0.160
0.156
0.152
0.148
0.144
0.140
AMBIENT TEMPERATURE (0C)
-50
-25
0
25
75
50
-50
-25
0
25
75
50
Battery Voltage vs
Temperature
4.25
4.22
4.19
4.16
4.13
4.10
AMBIENT TEMPERATURE (oC)
2.5
2.8
3.1
3.4
4.3
3.7
4
VIN = 5V
VBATT
2V/div.
VIN
2V/div.
IBATT
0.1A/div.
2ms/div.
Power-On
VBATT
2V/div.
VIN
2V/div.
IBATT
0.1A/div.
10ms/div.
Power-Off
VIN = 5V
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com