Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2603 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2603
Description  Single-Cell 150mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2603 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2603 Datasheet HTML 1Page - Monolithic Power Systems MP2603 Datasheet HTML 2Page - Monolithic Power Systems MP2603 Datasheet HTML 3Page - Monolithic Power Systems MP2603 Datasheet HTML 4Page - Monolithic Power Systems MP2603 Datasheet HTML 5Page - Monolithic Power Systems MP2603 Datasheet HTML 6Page - Monolithic Power Systems MP2603 Datasheet HTML 7Page - Monolithic Power Systems MP2603 Datasheet HTML 8Page - Monolithic Power Systems MP2603 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP2603
Single-Cell 150mA Linear
Li-Ion Battery Charger
MP2603 Rev. 1.01
www.MonolithicPower.com
1
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2603 is a low cost single cell Li-ion
battery charger IC suitable for low charge
current applications. It features constant current
(CC) and constant voltage (CV) charging
modes with programmable charge current
(50mA–150mA), trickle charge and charge
status indication.
The MP2603 is enabled with an input supply
voltage greater than 3.5V. The charger IC is
disabled when unplugged from the AC adaptor.
To minimize the charger’s total solution cost,
the MP2603 does not need an external reverse
blocking diode, a precision current-sense
resistor or a compensation capacitor at the
output. MP2603 is available in a 5-pin TSOT23
package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2603EJ-00B
1.4”X x 1.1”Y x 0.5”Z
FEATURES
• VIN Surge Up to 25V
• 0.75% VBATT Accuracy
• Low Battery Reverse Current, (< 1uA)
• Programmable Charge Current
• Over Temperature Protection
• Over Current Protection
• Charge Status Indication
• Over Charge Protection
• No External Sense Resistor Required
• No External Reverse Blocking Diode Required
• No Output Capacitor Required for Stability
APPLICATIONS
• Bluetooth Headset
• MP3 Players
• Mini PDAs
• Cell Phones
• Digital Cameras
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2603
BATT
GND
IPGM
CHGZ
5
3
IN
4
2
1
To System
BATT
4.5V - 5.5V
VIN
RPGM


Similar Part No. - MP2603

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023DQ MPS-MP26023DQ Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028EQ MPS-MP26028EQ Datasheet
376Kb / 11P
1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP2603

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5803 GMT-G5803 Datasheet
76Kb / 1P
1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com