Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2608 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2608
Description  28V, 1A Dual Input Linear Battery Charger With Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2608 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2608 Datasheet HTML 1Page - Monolithic Power Systems MP2608 Datasheet HTML 2Page - Monolithic Power Systems MP2608 Datasheet HTML 3Page - Monolithic Power Systems MP2608 Datasheet HTML 4Page - Monolithic Power Systems MP2608 Datasheet HTML 5Page - Monolithic Power Systems MP2608 Datasheet HTML 6Page - Monolithic Power Systems MP2608 Datasheet HTML 7Page - Monolithic Power Systems MP2608 Datasheet HTML 8Page - Monolithic Power Systems MP2608 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2608- 28V, 1A DUAL INPUT LINEAR BATTERY CHARGER WITH TIMER
MP2608 Rev. 0.9
www.MonolithicPower.com
2
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
IN
USB
FAULT
SHDN
1
2
3
4
5
10
9
8
7
6
STATUS
BATT
ICHG
GND
TMR
IBF
EXPOSED PAD
ON BACKSIDE
Part Number*
Package
Temperature
MP2608DQ
QFN10
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2608DQ–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP2608DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN, USB to GND........................... –0.3V to +28V
All Other Pins to GND................. –0.3V to +6.5V
Junction Temperature...............................140
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Nominal Supply Voltage VIN............ 3.5V to 5.5V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
3x3 QFN10 ............................. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 5V, VEN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IN, USB Input Voltage
VIN, VUSB
4.5
28
V
IN, USB Input Under-
voltage Threshold
VIN-UV
IN Input Rising
3.75
4
4.25
V
IN, USB Input Over-
Voltage Threshold
VIN-OV
IN Input Rising
5.8
6.0
6.2
V
SHDN= Low and BATT floating
100
Supply Current
ISUPPLY
SHDN = High and BATT floating
80
µA
Charger
T = +25°C, IBATT = 0
4.179
4.200
4.221
T = 0°C to +50°C, IBATT = 0
4.168
4.200
4.232
Battery Voltage Regulation
VBATT
T = –5°C to +75°C, IBATT = 0
4.158
4.200
4.242
V
Battery Over-Voltage
Protection
IBATT_OVP VBATT = 4.25V
0
µA
ICHG,IN
VIN = 5V, VBATT = 3.8V
RCHG = 2.3kΩ
640
708
780
mA
Constant Current
Regulation
ICHG,USB
VIN=0V, VUSB = 5V, VBATT=3.8V
410
450
490
mA
Constant Current Variation
VIN = 5V, VBATT = 3.8V,
TJ = 0°C to +120°C,
RCHG = 1.6kΩ to 8.0kΩ
87
100
113
%ICHG
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com