Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2608 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2608
Description  28V, 1A Dual Input Linear Battery Charger With Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2608 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2608 Datasheet HTML 1Page - Monolithic Power Systems MP2608 Datasheet HTML 2Page - Monolithic Power Systems MP2608 Datasheet HTML 3Page - Monolithic Power Systems MP2608 Datasheet HTML 4Page - Monolithic Power Systems MP2608 Datasheet HTML 5Page - Monolithic Power Systems MP2608 Datasheet HTML 6Page - Monolithic Power Systems MP2608 Datasheet HTML 7Page - Monolithic Power Systems MP2608 Datasheet HTML 8Page - Monolithic Power Systems MP2608 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2608
28V, 1A Dual Input
Linear Battery Charger With Timer
MP2608 Rev. 0.9
www.MonolithicPower.com
1
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP2608
is
a
dual-input,
linear,
high-performance low-cost single cell Li-Ion or
Li-Polymer battery charger. It accepts two
power inputs, one from a USB (Universal BUS)
port and the other from an AC adapter. By
integrating high voltage input protection into the
charger IC, the MP2608 can tolerate an input
surge up to 28V. Due to the protection inputs
function, low-cost, large output tolerance
adapters can be used safely.
The device features constant current (CC) and
constant voltage (CV) charging modes with
programmable charge currents (100mA to
1.0A), current blocking and trickle charge. The
charge current for adapter input can be
programmed by an external resistor, while the
charge current for USB input is pre-set at
450mA.The device also provides charge status
and fault indications to the system.
For guaranteed safe operation, the MP2608
folds back charge current when the device is
heated up due to limited PCB space. Other
safety
features
are
including
battery
temperature monitoring, and programmable
timer to complete the charging cycle.
MP2608 is available in a 10-pin 3mm x 3mm
QFN package.
FEATURES
• Complete Solution for Charging Single-Cell
Lion-Ion Battery
• Input Surge Up to 28V
• Adapter and USB Input
• Programmable Charge Current: 100mA to 1.0A
• Pre-set USB Charge Current: 450mA
• Proprietary Constant Voltage Auto Recharge
• Proprietary Over-Voltage Protection
• 0.75% VBATT Accuracy over Temperature
• <1µA Battery Reverse Current
• 125µA Standby Current from VIN
• Battery Temperature Monitoring
• Thermal Protection
• Fault and Charge Status Indicators
• Internal Soft-Start
• Tiny 3mm x 3mm QFN Package
APPLICATIONS
• Cell Phones
• Digital Cameras
• Smart Phones
• PDAs
• MP3 Players
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
To System
BATT
FAULT
STATUS
IN
USB
SHDN
ICHG
IBF
TMR
GND
To AC Adapter
C1
C2
C3
R1
R4
R2
R3
D2
D1
MP2608
C4
To USB


Similar Part No. - MP2608

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
MP26085DJ MPS-MP26085DJ Datasheet
729Kb / 13P
CC/CV Controller
More results

Similar Description - MP2608

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APM8601 DIODES-APM8601 Datasheet
206Kb / 14P
DUAL CHANNEL SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V
DS35138 Rev. 1 - 2
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
28V, 1A Li Linear Battery Charger with Timer and LDO Mode
MP26121 MPS-MP26121 Datasheet
775Kb / 11P
28V, 1A Li Linear Battery Charger with 10% Battery-Full Threshold and Flexible NTC Interface
logo
E-CMOS Corporation
EC49023 E-CMOS-EC49023 Datasheet
456Kb / 9P
1A, Linear Lithium Battery Charger
logo
Monolithic Power System...
MP2631 MPS-MP2631 Datasheet
540Kb / 9P
28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com