Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2608 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2608
Description  28V, 1A Dual Input Linear Battery Charger With Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2608 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2608 Datasheet HTML 1Page - Monolithic Power Systems MP2608 Datasheet HTML 2Page - Monolithic Power Systems MP2608 Datasheet HTML 3Page - Monolithic Power Systems MP2608 Datasheet HTML 4Page - Monolithic Power Systems MP2608 Datasheet HTML 5Page - Monolithic Power Systems MP2608 Datasheet HTML 6Page - Monolithic Power Systems MP2608 Datasheet HTML 7Page - Monolithic Power Systems MP2608 Datasheet HTML 8Page - Monolithic Power Systems MP2608 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2608- 28V, 1A DUAL INPUT LINEAR BATTERY CHARGER WITH TIMER
MP2608 Rev. 0.9
www.MonolithicPower.com
3
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, VEN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VDROP,IN
VIN,=4V, RCHG = 1.5kΩ, 1A load on
the BATT pin
130
mV
Pass Device Drop-out
Voltage
VDROP,USB
VUSB = 4V, 400mA load on the
BATT pin
152
mV
Trickle Current
VIN = 5V, VBATT = 2.3V
5
10
15
%ICHG
(4)
IBF Accuracy
-20
+20
%IBF
Trickle Threshold Voltage
2.5
2.6
2.7
V
Trickle Voltage Hysteresis
100
mV
SHDN Trip High Threshold
2.0
V
SHDN Trip Low Threshold
0.4
V
SHDN Pull-down Resistor
500
kΩ
FAULT
,
STATUS Sink
Current
Pin Voltage = 0.4V
4
mA
Battery Reverse Current to
BATT Pin
SHDN = High and Input = Floating
or 0V
1
µA
Thermal Shutdown
Threshold
105
120
135
°C
Thermal Shutdown
Hysteresis
10
°C
Recharge Threshold
Recharge Voltage
Threshold
VRECHG
4.0
V
Oscillator
Oscillator Period
TOSC
CTIME = 15nF
4.8
6.0
7.2
ms
TIMEOUT Period
TTIMEOUT
2
15
TOSC
Notes:
4) ICHG is the target preprogrammed charge current (Die temperature below 110°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com