Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2608 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2608
Description  28V, 1A Dual Input Linear Battery Charger With Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2608 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2608 Datasheet HTML 1Page - Monolithic Power Systems MP2608 Datasheet HTML 2Page - Monolithic Power Systems MP2608 Datasheet HTML 3Page - Monolithic Power Systems MP2608 Datasheet HTML 4Page - Monolithic Power Systems MP2608 Datasheet HTML 5Page - Monolithic Power Systems MP2608 Datasheet HTML 6Page - Monolithic Power Systems MP2608 Datasheet HTML 7Page - Monolithic Power Systems MP2608 Datasheet HTML 8Page - Monolithic Power Systems MP2608 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP2608- 28V, 1A DUAL INPUT LINEAR BATTERY CHARGER WITH TIMER
MP2608 Rev. 0.9
www.MonolithicPower.com
5
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, CIN=2.2uF, COUT=1uF, RCHG=2.21kΩ, TA=25°C, unless otherwise noted.
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
020
80
40
60
0
50
200
100
150
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.50
0.45
CHARGE TIME (MINUTES)
CHARGE TIME (MINUTES)
Battery Charge Curve
Battery Charge Curve
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charge Current vs.
Battery Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
Battery Voltage vs.
Input Voltage
3.5
3.7
3.9
4.1
4.3
4.5
4.5
4.8
5.1
5.4
5.7
6
Adapater In
USB In
Charge Current vs.
Battery Voltage
0
100
200
300
400
500
600
700
800
900
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1
BATTERY VOLTAGE (V)
Charge Current vs.
Input Voltage
0
200
400
600
800
1000
1200
4
4.3
4.6
4.9
5.2
5.5
5.8
Adapater In
USB In
Charge Current vs.
RSET Resistance
0
200
400
600
800
1000
1200
0
5
10
15
20
CHARGE CURRENT (mA)
Reverse Current vs.
Battery Voltage
0
0.1
0.2
0.3
0.4
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com