Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2608 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2608
Description  28V, 1A Dual Input Linear Battery Charger With Timer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2608 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2608 Datasheet HTML 1Page - Monolithic Power Systems MP2608 Datasheet HTML 2Page - Monolithic Power Systems MP2608 Datasheet HTML 3Page - Monolithic Power Systems MP2608 Datasheet HTML 4Page - Monolithic Power Systems MP2608 Datasheet HTML 5Page - Monolithic Power Systems MP2608 Datasheet HTML 6Page - Monolithic Power Systems MP2608 Datasheet HTML 7Page - Monolithic Power Systems MP2608 Datasheet HTML 8Page - Monolithic Power Systems MP2608 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2608- 28V, 1A DUAL INPUT LINEAR BATTERY CHARGER WITH TIMER
MP2608 Rev. 0.9
www.MonolithicPower.com
4
8/29/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Input Supply. IN receives the AC adapter supply voltage.
2
USB
Input Supply. USB receives the USB supply voltage.
3
FAULT
Open-Drain Fault Status Indicator. This pin is low under any fault conditions.
4
STATUS
Open-Drain Charge Indicator. This pin is low during charging.
5
SHDN
Charger IC Shut-down. Pull SHDN high to disable the IC or leave it floating to
enable the IC.
6
IBF
Programmable Input for end of charger current.
7
TMR
Oscillator Period Timer. Connect a timing capacitor between this pin and GND to
set the oscillator period. A 1uF capacitor on the TMR pin will make the oscillator
period 400ms.
8
GND
Ground. Exposed pad and GND must connect to same ground plane.
9
ICHG
Constant Charge Current Program for the IN input. Connect this pin to an external
resistor to program the charging current in CC Mode when the current from the IN
pin charges the battery.
10
BATT
Charger Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com