Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3301 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3301
Description  1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3301 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3301 Datasheet HTML 1Page - Monolithic Power Systems MP3301 Datasheet HTML 2Page - Monolithic Power Systems MP3301 Datasheet HTML 3Page - Monolithic Power Systems MP3301 Datasheet HTML 4Page - Monolithic Power Systems MP3301 Datasheet HTML 5Page - Monolithic Power Systems MP3301 Datasheet HTML 6Page - Monolithic Power Systems MP3301 Datasheet HTML 7Page - Monolithic Power Systems MP3301 Datasheet HTML 8Page - Monolithic Power Systems MP3301 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP3301
—1.3MHZ, 700MA, FIXED-FREQUENCY, STEP-UP DRIVER FOR WHITE LEDS
MP3301 Rev. 1.01
www.MonolithicPower.com
2
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
MP3301GJ*
TSOT23-5
* For Tape & Reel, add suffix
–Z (e.g. MP3301GJ–Z);
PACKAGE REFERENCE
TSOT23-5
ABSOLUTE MAXIMUM RATINGS
(1)
SW Pin .......................................
–0.5V to +44V
All Other Pins.............................
–0.3V to +6.5V
Continuous Power Dissipation .. (TA = +25°C)
(2)
TSOT23-5................................................0.57W
Storage Temperature..............
–55°C to +150°C
Recommended Operating Conditions
(3)
IN Supply Voltage ............................. 2.5V to 6V
SW Pin .............................................. VIN to 36V
Operating Junction Temp. (TJ).....–40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-5 ............................. 220 .... 110.. °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com