Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3301 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3301
Description  1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3301 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3301 Datasheet HTML 3Page - Monolithic Power Systems MP3301 Datasheet HTML 4Page - Monolithic Power Systems MP3301 Datasheet HTML 5Page - Monolithic Power Systems MP3301 Datasheet HTML 6Page - Monolithic Power Systems MP3301 Datasheet HTML 7Page - Monolithic Power Systems MP3301 Datasheet HTML 8Page - Monolithic Power Systems MP3301 Datasheet HTML 9Page - Monolithic Power Systems MP3301 Datasheet HTML 10Page - Monolithic Power Systems MP3301 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP3301
—1.3MHZ, 700MA, FIXED-FREQUENCY, STEP-UP DRIVER FOR WHITE LEDS
MP3301 Rev. 1.01
www.MonolithicPower.com
7
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
VIN
2.5~6V
MP3301
En/Dim
L1
D1
C1
4.7µF
C2
0.47µF
R1
10
Ω
IN
SW
FB
GND
EN
LED1~8
4.7µH
Figure 2: Circuit to Drive 8 WLEDs in Series
Figure 2 shows a typical application circuit. The
8 white LEDs can be driven from a 2.7V-to-6V
supply range at an output current of 20mA. A
0.47µF output capacitor is sufficient for most
applications. A 4.7µH inductor with low direct-
current resistance (DCR) improves efficiency,
while a 4.7µF ceramic capacitor improves input
stability. Use Schottky diodes with fast recovery
times and low forward voltages, preferably
rated at 500mA. The MP3301 has an internal
soft-start to limit the current through VIN at
startup and to also limit the output overshoot.
The ramped voltage at the current sense
amplifier reduces the current output as the duty
cycle increases. Adding more LEDs increases
the output voltage but reduces the current
delivered to the load.
Setting the LED Current
The feedback resistor, R1, controls the LED
current. The equation
1
200
R
mV
estimates the
current through the LEDs. Table 1 shows the
resistor selection for a given LED current.
Table 1: ILED vs. R1
ILED (mA)
R1 (
Ω)
1
200
5
40
10
20
20
10
60
3.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com