Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3301 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3301
Description  1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3301 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3301 Datasheet HTML 2Page - Monolithic Power Systems MP3301 Datasheet HTML 3Page - Monolithic Power Systems MP3301 Datasheet HTML 4Page - Monolithic Power Systems MP3301 Datasheet HTML 5Page - Monolithic Power Systems MP3301 Datasheet HTML 6Page - Monolithic Power Systems MP3301 Datasheet HTML 7Page - Monolithic Power Systems MP3301 Datasheet HTML 8Page - Monolithic Power Systems MP3301 Datasheet HTML 9Page - Monolithic Power Systems MP3301 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP3301
—1.3MHZ, 700MA, FIXED-FREQUENCY, STEP-UP DRIVER FOR WHITE LEDS
MP3301 Rev. 1.01
www.MonolithicPower.com
6
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP3301 uses a constant-frequency, peak-
current
–mode, boost-regulator architecture to
regulate up to 10 white LEDs in series. Figure 1
shows how the MP3301 operates.
The MP3301 regulates the SW voltage through
the feedback voltage and the 1.3MHz oscillator.
At the start of each oscillator cycle, the control
circuitry turns the FET on. A stabilizing ramp
added to the output of the current sense
amplifier prevents sub-harmonic oscillations at
duty cycles >50%: The ramp output goes to the
positive input of the PWM comparator: When
this voltage equals the error amplifier output
(the amplified difference between the 200mV
reference voltage and the feedback voltage),
the power FET turns off.
When the feedback voltage starts to drop, the
output of the error amplifier increases, thus
increasing the current flowing through the
power FET. The increased FET power results in
increased power delivered to the output.
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com