Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3301 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3301
Description  1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3301 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3301 Datasheet HTML 1Page - Monolithic Power Systems MP3301 Datasheet HTML 2Page - Monolithic Power Systems MP3301 Datasheet HTML 3Page - Monolithic Power Systems MP3301 Datasheet HTML 4Page - Monolithic Power Systems MP3301 Datasheet HTML 5Page - Monolithic Power Systems MP3301 Datasheet HTML 6Page - Monolithic Power Systems MP3301 Datasheet HTML 7Page - Monolithic Power Systems MP3301 Datasheet HTML 8Page - Monolithic Power Systems MP3301 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP3301
—1.3MHZ, 700MA, FIXED-FREQUENCY, STEP-UP DRIVER FOR WHITE LEDS
MP3301 Rev. 1.01
www.MonolithicPower.com
4
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to SW. SW can swing between GND and 36V.
2
GND
Ground. Connect exposed pad to GND plane for improved thermal performance.
3
FB
Feedback Input. Used to regulate the voltage across the current-sense resistor
between FB and GND. Connect a current-sense resistor from the bottom of the LED
string to GND. Connect the bottom of the LED string to FB. The regulation voltage is
200mV.
4
EN
ON/OFF Control and Dimming Command Input. A > 0.6V turns the part on, and < 0.4V
turns the part off. If the EN pin voltage is between 0.7V and 1.4V, VFB is regulated
between 0V and 200mV. To use PWM dimming, apply a 200Hz-to-1kHz square wave
signal with an amplitude >1.5V.
5
IN
Input Supply Pin. Requires local bypassing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com