Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3301 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3301
Description  1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3301 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3301 Datasheet HTML 1Page - Monolithic Power Systems MP3301 Datasheet HTML 2Page - Monolithic Power Systems MP3301 Datasheet HTML 3Page - Monolithic Power Systems MP3301 Datasheet HTML 4Page - Monolithic Power Systems MP3301 Datasheet HTML 5Page - Monolithic Power Systems MP3301 Datasheet HTML 6Page - Monolithic Power Systems MP3301 Datasheet HTML 7Page - Monolithic Power Systems MP3301 Datasheet HTML 8Page - Monolithic Power Systems MP3301 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP3301
—1.3MHZ, 700MA, FIXED-FREQUENCY, STEP-UP DRIVER FOR WHITE LEDS
MP3301 Rev. 1.01
www.MonolithicPower.com
3
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
6
V
Supply Current (Shutdown)
VEN = 0V
10
µA
Supply Current (Quiescent)
VFB = 0.15V
900
µA
Switching Frequency
fSW
1.0
1.3
1.5
MHz
Maximum Duty Cycle
VFB = 0V
92
%
Under Voltage Lockout
IN Under-Voltage Lockout
UVLO
VIN Rising
2.25
2.45
V
Under-Voltage Lockout
Hysteresis
92
mV
Open-Lamp Shutdown
Threshold
VOV
VOV Rising
40
42
44
V
Enable
EN OFF Threshold
VEN Falling
0.4
V
EN ON Threshold
VEN Rising
0.6
V
Minimum EN Dimming
Threshold
VFB = 0V
0.655
0.7
0.845
V
Maximum EN Dimming
Threshold
VFB = 0.2V
1.275
1.4
1.425
V
Feedback
FB Voltage
VEN = 1.5V
200
mV
FB Input Bias Current
VFB = 0.1V
-600
nA
Output Switch
SW On-Resistance
(5)
RON
0.5
Ω
SW Current Limit
(5)
Duty Cycle = 60%
1.0
A
Thermal Shutdown
(5)
150
°C
Notes:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com