Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EY Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3391EY
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EY Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3391EY Datasheet HTML 1Page - Monolithic Power Systems MP3391EY Datasheet HTML 2Page - Monolithic Power Systems MP3391EY Datasheet HTML 3Page - Monolithic Power Systems MP3391EY Datasheet HTML 4Page - Monolithic Power Systems MP3391EY Datasheet HTML 5Page - Monolithic Power Systems MP3391EY Datasheet HTML 6Page - Monolithic Power Systems MP3391EY Datasheet HTML 7Page - Monolithic Power Systems MP3391EY Datasheet HTML 8Page - Monolithic Power Systems MP3391EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
2
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
9V~35V
MP3391
ISENSE
GATE
EN
OSC
BOSC
GND
DBRT
VDD
OVP
LED1
LED2
LED3
7
2
9
8
6
11
25
24
1
22
13
14
Enable
DIMMING
L1
D1
CIN
R1
R2
RSET
ROSC
RSENSE
M1
LED4
LED5
LED6
RCOMP
15
16
17
18
FF
VCC
COMP
26
3
4
5
ISET
COUT
CCOMP
CVCC
TSET
NC
SSET
10
28
12
21
NUMSEL
VFAULT
27
PGND
23
LED7
LED8
19
20
VCC
String 1
String 8
FF
RFF
CBOSC
CT
CDD
VCC
RSEL
R3
R4
VIN
M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com