Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EY Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3391EY
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EY Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3391EY Datasheet HTML 8Page - Monolithic Power Systems MP3391EY Datasheet HTML 9Page - Monolithic Power Systems MP3391EY Datasheet HTML 10Page - Monolithic Power Systems MP3391EY Datasheet HTML 11Page - Monolithic Power Systems MP3391EY Datasheet HTML 12Page - Monolithic Power Systems MP3391EY Datasheet HTML 13Page - Monolithic Power Systems MP3391EY Datasheet HTML 14Page - Monolithic Power Systems MP3391EY Datasheet HTML 15Page - Monolithic Power Systems MP3391EY Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
12
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
is programmable from 150kHz to 500kHz. An
oscillator resistor on OSC pin sets the internal
oscillator frequency for the step-up converter
according to the equation:
fSW (kHz)= 17000/ (10+ROSC) (kΩ)
For ROSC=50kΩ, the switching frequency is set to
283 kHz.
Setting the LED Current
The LED string currents are identical and set
through the current setting resistor on the ISET
pin.
ILED = 1000 x 1.23V / RSET
For RSET=60.4kΩ, the LED current is set to 20mA.
The ISET pin can not be open.
The Number of LED Strings Selection
The MP3391 can drive 8 strings, 6 strings or 4
strings of LEDs. Set the NUMSEL high level for
driving 6 strings of LEDs (LED1~LED6). Set the
NUMSEL low level for driving 4 strings of LEDs
(LED1~LED4). Float the NUMSEL pin for driving
8 strings of LEDs.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
high frequency switching current from passing
through the input. Ceramic capacitors with X5R
or X7R dielectrics are highly recommended
because of their low ESR and small temperature
coefficients. For most applications, a 4.7μF
ceramic capacitor paralleled a 220μF electrolytic
capacitor is sufficient.
Selecting the Inductor and Current Sensing
Resistor
The inductor is required to force the higher output
voltage while being driven by the input voltage. A
larger value inductor results in less ripple current,
resulting in lower peak inductor current and
reducing stress on the internal N-Channel
MOSFET. However, the larger value inductor has
a larger physical size, higher series resistance,
and lower saturation current.
Choose an inductor that does not saturate under
the worst-case load conditions. A good rule for
determining the inductance is to allow the peak-
to-peak ripple current to be approximately 30% to
40% of the maximum input current. Calculate the
required inductance value by the equation:
IN
OUT
IN
OUT
SW
V(V
V )
L
Vf
ΔI
×−
=
××
OUT
LOAD(MAX)
IN(MAX)
IN
VI
I
V
η
×
=
×
IN(MAX)
I
40%)
~
(30%
I
×
=
Δ
Where VIN is the minimum input voltage, fSW is the
switching frequency, ILOAD(MAX) is the maximum
load current, ∆I is the peak-to-peak inductor
ripple current and η is the efficiency.
The switch current is usually used for the peak
current mode control. In order to avoid hitting the
current limit, the voltage across the sensing
resistor RSENSE should be less than 80% of the
worst case current limit voltage, VSENSE.
SENSE
SENSE
L(PEAK )
0.8 V
R
I
×
=
Where IL(PEAK) is the peak value of the inductor
current. VSENSE is shown in Figure 3.
Current Limit(Vsense) vs.
Duty Cycle
0
50
100
150
200
250
300
350
400
450
500
0 1020304050 60708090 100
DUTY CYCLE(%)
Figure 3—VSENSE vs Duty Cycle
Selecting the Power MOSFET
The MP3391 is capable of driving a wide variety
of N-Channel power MOSFETS. The critical
parameters of selection of a MOSFET are:
1. Maximum drain to source voltage, VDS(MAX)
2.
Maximum current, ID(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com