Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EY Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3391EY
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EY Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3391EY Datasheet HTML 1Page - Monolithic Power Systems MP3391EY Datasheet HTML 2Page - Monolithic Power Systems MP3391EY Datasheet HTML 3Page - Monolithic Power Systems MP3391EY Datasheet HTML 4Page - Monolithic Power Systems MP3391EY Datasheet HTML 5Page - Monolithic Power Systems MP3391EY Datasheet HTML 6Page - Monolithic Power Systems MP3391EY Datasheet HTML 7Page - Monolithic Power Systems MP3391EY Datasheet HTML 8Page - Monolithic Power Systems MP3391EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP3391
8-Channel, 120mA/ch Step-Up
WLED Driver Controller
MP3391 Rev. 1.11
www.MonolithicPower.com
1
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3391 is a step-up controller with 8-
channel current sources designed for driving
the WLED arrays for large size LCD panel
backlighting applications.
The
MP3391
uses
current
mode,
fixed
frequency architecture. The switching frequency
is programmable by an external frequency
setting resistor. It drives an external MOSFET
to boost up the output voltage from a 9V to 35V
input supply. The MP3391 regulates the current
in each LED string to the programmed value set
by an external current setting resistor.
The MP3391 applies 8 internal current sources
for current balance. And the current matching
can achieve 2.5% regulation accuracy between
strings. Its low regulation voltage on LED
current sources reduces power loss and
improves efficiency.
PWM dimming is implemented with external
PWM input signal or DC input signal. The
dimming PWM signal can be generated
internally, and the dimming frequency is
programmed by an external setting capacitor.
FEATURES
• 9V to 35V Input Voltage Range
• 10V MOSFET Gate Driver
• Drive Selectable 8, 6 and 4 Strings of LEDs
• Maximum 120mA for Each String
• 2.5% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• PWM or DC Input Burst PWM Dimming
• Open/Short protection and Fault Flag
Output
• Programmable Short Protection Voltage and
Time Threshold
• Programmable Over-voltage Protection
• Flexible
Extendable
LED
Channels
Application
• Thermal Shutdown
• 28-pin TSSOP and 28-pin SOIC Package
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP3391EY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3391EY MPS-MP3391EY Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
More results

Similar Description - MP3391EY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
SHANGHAI BELLING CO., L...
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
8-Channel WLED Linear Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
8 Strings, Step Up WLED Controller with External Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com