Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EY Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3391EY
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EY Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3391EY Datasheet HTML 9Page - Monolithic Power Systems MP3391EY Datasheet HTML 10Page - Monolithic Power Systems MP3391EY Datasheet HTML 11Page - Monolithic Power Systems MP3391EY Datasheet HTML 12Page - Monolithic Power Systems MP3391EY Datasheet HTML 13Page - Monolithic Power Systems MP3391EY Datasheet HTML 14Page - Monolithic Power Systems MP3391EY Datasheet HTML 15Page - Monolithic Power Systems MP3391EY Datasheet HTML 16Page - Monolithic Power Systems MP3391EY Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
13
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
3. On-resistance, RDS(ON)
4. Gate source charge QGS and gate drain
charge QGD
5. Total gate charge, QG
Ideally, the off-state voltage across the MOSFET
is equal to the output voltage. Considering the
voltage spike when it turns off, VDS(MAX) should be
greater than 1.5 times of the output voltage.
The maximum current through the power
MOSFET happens when the input voltage is
minimum and the output power is maximum. The
maximum RMS current through the MOSFET is
given by
MAX
IN(MAX)
)
MAX
(
RMS
D
I
I
×
=
Where:
OUT
)
MIN
(
IN
OUT
MAX
V
V
V
D
−
≈
The current rating of the MOSFET should be
greater than 1.5 times IRMS,
The on resistance of the MOSFET determines
the conduction loss, which is given by:
k
R
I
P
(on)
DS
2
RMS
cond
×
×
=
Where k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS1
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the chart of VGS vs. QG
of the MOSFET datasheet. QGD is the charge
during
the
plateau
voltage.
These
two
parameters are needed to estimate the turn on
and turn off loss.
SW
IN
DS
PLT
DR
G
GD
SW
IN
DS
TH
DR
G
GS1
SW
f
I
V
V
V
R
Q
f
I
V
V
V
R
Q
P
×
×
×
−
×
+
×
×
×
−
×
=
Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, VDS is
the drain-source voltage. Please note that the
switching loss is the most difficult part in the loss
estimation. The formula above provides a simple
physical expression. If more accurate estimation
is required, the expressions will be much more
complex.
For extended knowledge of the power loss
estimation, readers should refer to the book
“Power MOSFET Theory and Applications”
written by Duncan A. Grant and John Gowar.
The total gate charge, QG, is used to calculate
the gate drive loss. The expression is
SW
DR
G
DR
f
V
Q
P
×
×
=
where VDR is the drive voltage.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance should be low
at the switching frequency. Ceramic capacitors
with X7R dielectrics are recommended for their
low ESR characteristics. For most applications, a
4.7μF
ceramic
capacitor
paralleled
10μF
electrolytic capacitor will be sufficient.
Setting the Over Voltage Protection
The open string protection is achieved through
the over voltage protection (OVP). In some cases,
an LED string failure results in the feedback
voltage always zero. The part then keeps
boosting the output voltage higher and higher. If
the output voltage reaches the programmed OVP
threshold, the protection will be triggered.
To make sure the chip functions properly, the
OVP setting resistor divider must be set with a
proper value. The recommended OVP point is
about 1.2 times higher than the output voltage for
normal operation.
HIGH
OVP
LOW
R
V1.24 (1
)
R
=× +
Selecting Dimming Control Mode
The MP3391 provides 2 different dimming
methods
1. Direct PWM Dimming
An external PWM dimming signal is employed to
achieve PWM dimming control. Connect a 100kΩ
resistor from BOSC pin to GND and apply the
100Hz to 20kHz PWM dimming signal to DBRT
pin. The minimum recommended amplitude of
the PWM signal is 1.2V, The low level should
less than 0.4V (See Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com