Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EY Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3391EY
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EY Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3391EY Datasheet HTML 10Page - Monolithic Power Systems MP3391EY Datasheet HTML 11Page - Monolithic Power Systems MP3391EY Datasheet HTML 12Page - Monolithic Power Systems MP3391EY Datasheet HTML 13Page - Monolithic Power Systems MP3391EY Datasheet HTML 14Page - Monolithic Power Systems MP3391EY Datasheet HTML 15Page - Monolithic Power Systems MP3391EY Datasheet HTML 16Page - Monolithic Power Systems MP3391EY Datasheet HTML 17Page - Monolithic Power Systems MP3391EY Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
15
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
0
R3
NC
R2
10
R17
NC
C7
VIN
GND
FF
EN
1
DIMMING
C3
2
1
JP1
NC
C4
C1
F1
L1
B360
D1
NC
C8
C5
C2
C6
357k
R1
1k
R6
10k
R9
100pF
C9
R4
1
LED+
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
LED16
10
R18
10
R20
10
R22
10
R24
10
R25
10
R27
10
R29
10
R39
10
R40
10
R41
10
R42
10
R44
10
R45
10
R46
10
R48
C12
0
R8
NC
R5
2k
R19
20k
R21
NC
R31
130k
R30
NC
R28
332k
R26
NC
C14
15.4k
R23
470nF
C15
NC
C13
100k
R16
51.1k
R15
2k
R13
20k
R14
10k
R7
C10
0
R12
C11
NC
R32
VIN
NC
R34
FF
NC
R35
C16
VCC
NC
R36
COMP
NC
R37
NC
C19
100k
R38
NC
C20
15.4k
R43
470nF
C21
SSET
NC
R49
NC
R47
VCC
0
R33
VFAULT
NC
C17
NC
C18
OVP1
0.05
R10
NC
R11
10V-28V
10S 8P 80mA/string
Set to 6.3V
VCC
3
2
AM4499P
M3
NC
28
DBRT
6
OSC
7
VCC
3
LED6
18
LED3
15
OVP
22
ISENSE
24
SSET
12
NUMSEL
21
TSET
10
ISET
11
GND
8
BOSC
9
COMP
4
EN
5
FF
26
VIN
2
LED8
20
LED7
19
LED5
17
LED4
16
LED2
14
LED1
13
VDD
1
PGND
23
GATE
25
VFAULT
27
MP3391EY
U1
NC
28
DBRT
6
OSC
7
VCC
3
LED6
18
LED3
15
OVP
22
ISENSE
24
SSET
12
NUMSEL
21
TSET
10
ISET
11
GND
8
BOSC
9
COMP
4
EN
5
FF
26
VIN
2
LED8
20
LED7
19
LED5
17
LED4
16
LED2
14
LED1
13
VDD
1
PGND
23
GATE
25
VFAULT
27
MP3391EY
U2
NC
NC
R50
NC
C23
M2
M1
Figure 7— 2 MP3391 Extended Solution for 16 Strings Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com