Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4012
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4012 Datasheet HTML 1Page - Monolithic Power Systems MP4012 Datasheet HTML 2Page - Monolithic Power Systems MP4012 Datasheet HTML 3Page - Monolithic Power Systems MP4012 Datasheet HTML 4Page - Monolithic Power Systems MP4012 Datasheet HTML 5Page - Monolithic Power Systems MP4012 Datasheet HTML 6Page - Monolithic Power Systems MP4012 Datasheet HTML 7Page - Monolithic Power Systems MP4012 Datasheet HTML 8Page - Monolithic Power Systems MP4012 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
3
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP4012DS
SOIC16
MP4012
-40
°C to +85°C
*For Tape & Reel, add suffix –Z (e.g. MP4012DS–Z);
For RoHS, compliant packaging, add suffix –LF (e.g. MP4012DS–LF–Z).
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VIN................................................ -0.5V to 60V
VDD................................................-0.5V to 13.5V
VGATE, VFAULT, VPWM, VRT ..........-0.5V to VDD+0.3V
All Other Pins ...............................-0.3V to 6.5V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................ 1.6 W
Recommended Operating Conditions
(3)
IN Supply Voltage VIN .........................8V to 55V
Operating Junction Temp. (TJ).-40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC16................................... 80 ...... 30...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
TOP VIEW
VIN
1
VDD 2
GATE
3
GND 4
CS
5
SL
6
RT
7
SYNC 8
9
CL
10
REF
11 FAULT
12 OVP
13 PWM
14 COMP
15 ISET
16 FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com