Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4012
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4012 Datasheet HTML 9Page - Monolithic Power Systems MP4012 Datasheet HTML 10Page - Monolithic Power Systems MP4012 Datasheet HTML 11Page - Monolithic Power Systems MP4012 Datasheet HTML 12Page - Monolithic Power Systems MP4012 Datasheet HTML 13Page - Monolithic Power Systems MP4012 Datasheet HTML 14Page - Monolithic Power Systems MP4012 Datasheet HTML 15Page - Monolithic Power Systems MP4012 Datasheet HTML 16Page - Monolithic Power Systems MP4012 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
13
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLIACTION CIRCUIT
SYNC
8
CS
5
VDD
2
CL
9
OVP
12
ISET
15
RT
7
GND
4
VIN
1
REF
10
PWM
13
FB
16
SL
6
GATE
3
FAULT
11
COMP
14
U1
MP4012/SO16
C1
C2
C7
L1
D2
US1G
C9
33nF
C10
220pF
C12
3k
R12
R4
R6
1.58k
R5
NC
C5
NC
C6
30k
R9
560k
R8
21k
R11
10k
R15
4.3k
R14
9.09k
R13
C13
3.32
R22
21.5k
R20
953k
R21
2k
R16
LED+
LED-
1k
R1
20.5k
R2
1nF
C4
1k
R19
NC
R7
VIN
PWM
A-DIM
SYNC
NC
R18
C3
Fault
12VIN
NC
R17
REF
REF
M1
M2
220pF
C8
100nF
C11
NC
R3
NC
D1
NC
R23
NC
R24
20
R10
NC
C14
NC
C15
8
5
2
7
1
3
4
6
CN1
Figure 5—MP4012 Boost Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com