Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4012
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4012 Datasheet HTML 5Page - Monolithic Power Systems MP4012 Datasheet HTML 6Page - Monolithic Power Systems MP4012 Datasheet HTML 7Page - Monolithic Power Systems MP4012 Datasheet HTML 8Page - Monolithic Power Systems MP4012 Datasheet HTML 9Page - Monolithic Power Systems MP4012 Datasheet HTML 10Page - Monolithic Power Systems MP4012 Datasheet HTML 11Page - Monolithic Power Systems MP4012 Datasheet HTML 12Page - Monolithic Power Systems MP4012 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
9
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Start up
The start up process is shown in Figure 2.
During start up, the COMP is charged to 5V first,
then it is discharged by an internal current source,
MP4012 is active until the COMP voltage is
discharged to 1V. The high level Fault turns on
the external disconnected MOSFET. The output
current is regulated by the converter.
5V
VCC
Fault
COMP
1V
VIN
Iout
thiccup
Figure 2—Start up Process
Analog Dimming
Analog dimming can be accomplished by varying
the voltage at the ISET pin. This can be done
either by using resistor divider from the REF pin
or by applying an external DC voltage at the
ISET pin.
PWM Dimming
PWM dimming can be achieved by applying a
square wave signal on PWM pin. The PWM
signal controls the internal error amplifier (EA),
FAULT output and GATE output. When the PWM
signal is high, the GATE and FAULT pins are
enabled, and the output of the EA is connected to
the external compensation network. So the LED
current is regulated accurately. When the PWM
signal goes low, the GATE signal is disable. And
the FAULT pin is pulled down to GND to turn off
the disconnecting MOSFET. Meanwhile the
output of the EA is disconnected from the
compensation network. Thus, the COMP voltage
can be hold by external capacitor. And the
disconnecting MOSFET can prevent the output
voltage from being discharged, which helps to
achieve the high frequency PWM dimming with
better linear dimming performance.
Protection
MP4012 includes short circuit protection and over
voltage protection, If the fault conditions are
detected (either short circuit or open circuit), the
COMP pin is disconnected from the internal EA
and the Gate and Fault pins are pulled down to
disable the LED controller, once the fault is
remove, the COMP pin is charged by an internal
current source until it reaches 5V, then the
COMP is discharged by an internal current
source. When it reaches 1V, the current source is
disconnected from COMP pin and the internal EA
is connected to it, the Fault pin starts to go high
and the Gate pin is allowed to switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com