Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4012
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4012 Datasheet HTML 7Page - Monolithic Power Systems MP4012 Datasheet HTML 8Page - Monolithic Power Systems MP4012 Datasheet HTML 9Page - Monolithic Power Systems MP4012 Datasheet HTML 10Page - Monolithic Power Systems MP4012 Datasheet HTML 11Page - Monolithic Power Systems MP4012 Datasheet HTML 12Page - Monolithic Power Systems MP4012 Datasheet HTML 13Page - Monolithic Power Systems MP4012 Datasheet HTML 14Page - Monolithic Power Systems MP4012 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
11
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Switching Frequency Set
An external resistor RT on RT pin can be used to
set the switching frequency through the following
equation:
9
S
T
55.6 10
f
R
×
=
LED Current Set
Choose an external current sense resistor (RFB)
to set the LED current.
ISET
FB
LED
V
R
I
=
Here, VISET is LED current reference on ISET pin,
which is set by a resistor divider from REF pin to
GND. It is recommended to add a 0.1uF ceramic
capacitor on ISET pin to avoid noise injection.
Over Voltage Protection Set
Choose a voltage divider (ROVP1, ROVP2 in typical
application) from the output to set the over
voltage protection threshold:
OVP1
OVP2
OVP
OVP2
RR
V4.95V
R
+
=×
Slope Compensation
MP4012 employs peak current mode control
which need slope compensation to avoid sub-
harmonic oscillation when duty cycle exceeds
50%. To ensure current loop stability, choosing a
slope compensation which is at least half of the
down slope of inductor current.
The slope compensation is set by two external
resistors RSL and RSC. The slope compensation
resistor can be calculated as:
5
SC
SL
CS
DOWN
S
RR
R
S
T
10
=×
×
×
×
SDOWN (A/μs) is the down slope of the inductor
current.
L
DOWN
V
S
L
=
Where VL is the voltage across the inductor, and
L is the inductor value.
TS is the switching period, which is set by the
frequency set resistor RT.
RCS is the current sense resistor which senses
the switch current. It is recommended that the
current sense resistor RCS can be chosen to
provide 200mV current sense signal (also need
to
take
the
power
consumption
into
consideration).
The RSL is the slope resistor on SL pin, its value
is limited by the maximum source current of SL
pin. The minimum value of RSL is 25kΩ. 25kΩ –
50kΩ of slope resistor value is recommended.
Current Limit
Current limit value can be set by a resistor divider
from REF pin to GND. The voltage of CL can be
set as:
SC
CL
PK
CS
SL
4.5 R
V1.2 I
R
R
×
≥×
×
+
Here, IPK is peak current of inductor.
The VCL value should NOT be greater than
450mV, NO capacitor should be connected
between CL pin and GND.
Hiccup Timer
If the fault conditions are detected (either short
circuit or open circuit), the COMP pin is
disconnected from the internal EA and the Gate
and Fault pins are pulled down to disable the
LED controller. Once the fault condition is
cleared, the COMP pin is charged by an internal
5μA current source until it reaches 5V, then the
COMP is discharged by an internal 5μA current
source. When it reaches 1V, the current source is
disconnected from COMP pin and the internal EA
is reconnected to it, the Fault pin starts to go high
and the Gate pin is allowed to switch. The hiccup
timer can be programmed by R -C network (RZ,
CZ in series and parallel with CC) on COMP pin.
The delay time of Startup (Figure 2) can be
approximately calculated as:
hiccup
C
Z
9V
t(C
C )
5A
≈
+
μ
In most case the voltage drop on RZ can be
neglected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com