Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4012 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4012
Description  High-Brightness, High-Current Accuracy WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4012 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4012 Datasheet HTML 9Page - Monolithic Power Systems MP4012 Datasheet HTML 10Page - Monolithic Power Systems MP4012 Datasheet HTML 11Page - Monolithic Power Systems MP4012 Datasheet HTML 12Page - Monolithic Power Systems MP4012 Datasheet HTML 13Page - Monolithic Power Systems MP4012 Datasheet HTML 14Page - Monolithic Power Systems MP4012 Datasheet HTML 15Page - Monolithic Power Systems MP4012 Datasheet HTML 16Page - Monolithic Power Systems MP4012 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP4012 ─ HIGH-VOLTAGE, HIGH-CURRENT ACCURACY WLED CONTROLLER
MP4012 Rev. 1.12
www.MonolithicPower.com
14
10/12/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
VDD
FB
SYNC
OVP
RT
CL
REF
CS
GND
ISET
FAULT
GATE
VIN
SL
COMP
PWM
L1
VIN
CIN
M1
COUT
ROVP1
ROVP2
RFB
RSL
RT
CDD
CCOMP
CREF
RCL2
RCL1
RSET1
RSET2
RSC
RCS
PWM DIM
D1
M2
VDD12V
SYNC
Block 2
VIN
LED 1+
LED 1-
LED 2+
LED 2-
VDD 12V
PWM DIM
SYNC
Block n
VIN
LED n+
LED n-
VDD 12V
PWM DIM
SYNC
DC
Supply
1
2
13
8
14
10
15
97
6
16
11
12
4
5
3
Figure 6—Typical Application Circuit for TV LED Backlighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com