Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4030GS Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4030GS
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030GS Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4030GS Datasheet HTML 13Page - Monolithic Power Systems MP4030GS Datasheet HTML 14Page - Monolithic Power Systems MP4030GS Datasheet HTML 15Page - Monolithic Power Systems MP4030GS Datasheet HTML 16Page - Monolithic Power Systems MP4030GS Datasheet HTML 17Page - Monolithic Power Systems MP4030GS Datasheet HTML 18Page - Monolithic Power Systems MP4030GS Datasheet HTML 19Page - Monolithic Power Systems MP4030GS Datasheet HTML 20Page - Monolithic Power Systems MP4030GS Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
17
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
RIPPLE SUPPRESSOR
(Innovative Proprietary)
For dimming LED lighting application, a single
stage
PFC
converter
needs
large
output
capacitor to reduce the ripple whose frequency is
double of the Grid. And in deep dimming situation,
the LED would shimmer caused by the dimming
on duty which is not all the same in every line
cycle. What’s more, the Grid has noise or inrush
which would bring out shimmer even flicker.
Figure 14 shows a ripple suppressor, which can
shrink the LED current ripple obviously.
Figure14: Ripple Suppressor
Principle:
Shown in Figure 14, Resister R, capacitor C, and
MOSFET M compose the ripple suppressor.
Through the RC filter, C gets the mean value of
the output voltage VCo to drive the MOSFET M. M
works in variable resistance area. C’s voltage VC
is steady makes the LEDs voltage is steady, so
the LEDs current will be smooth. MOSFET M
holds the ripple voltage vCo of the output.
Diode D and Zener diode DZ are used to restrain
the overshoot at start-up. In the start-up process,
through D and DZ, C is charged up quickly to turn
on M, so the LED current can be built quickly.
When VC rising up to about the steady value, D
and DZ turn off, and C combines R as the filter to
get the mean voltage drop of VCo.
The most important parameter of MOSFET M is
the threshold voltage Vth which decides the
power loss of the ripple suppressor. Lower Vth is
better if the MOSFET can work in variable
resistance area. The BV of the MOSFET can be
selected as double as VCo and the Continues
Drain current level can be selected as decuple as
the LEDs’ current at least.
About the RC filter, it can be selected
by
RC
LineCycle
50 / f

. Diode D can select 1N4148,
and the Zener voltage of DZ is as small as
possible when guarantee
O
DDZ
C _PP
VV
0.5 V

.
Optional Protection Circuit
In large output voltage or large LEDs current
application, MOSFET M may be destroyed by
over-voltage or over-current when LED+ shorted
to LED- at working.
Gate-Source(GS) Over-voltage Protection:
+
+
NS
DO
D
DZ
CO
C
DG
R
RO
M
RG
Figure 15: Gate-Source OVP Circuit
Figure 15 shows GS over-voltage protection
circuit. Zener diode DG and resistor RG are used
to protect MOSFET M from GS over-voltage
damaged. When LED+ shorted to LED- at normal
operation, the voltage drop on capacitor C is high,
and the voltage drop on Gate-Source is the same
as capacitor C. The Zener diode DG limits the
voltage VGS and RG limits the charging current to
protect DG. RG also can limit the current of DZ at
the moment when LED+ shorted to LED-. VDG
should bigger than Vth.
Drain-Source Over-voltage and Over-current
Protection
As Figure 16 shows, NPN transistor T, resistor
RC and RE are set up to protect MOSFET M from
over-current damaged when output short occurs
at normal operation. When LED+ shorted to LED-,
the voltage vDS of MOSFET is equal to the vCo
which has a high surge caused by the parasitic
parameter. Zener Dioder DDS protects MOSFET
from over-voltage damaged. Transistor T is used
to pull down the VGS of M. When M turns off, the
load is opened, MP4030 detects there is an OVP
happened, so the IC functions in quiescent. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com