Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4030GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4030GS
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4030GS Datasheet HTML 1Page - Monolithic Power Systems MP4030GS Datasheet HTML 2Page - Monolithic Power Systems MP4030GS Datasheet HTML 3Page - Monolithic Power Systems MP4030GS Datasheet HTML 4Page - Monolithic Power Systems MP4030GS Datasheet HTML 5Page - Monolithic Power Systems MP4030GS Datasheet HTML 6Page - Monolithic Power Systems MP4030GS Datasheet HTML 7Page - Monolithic Power Systems MP4030GS Datasheet HTML 8Page - Monolithic Power Systems MP4030GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP4030
TRIAC-Dimmable, Primary-Side-Control
Offline LED Controller with Active PFC
MP4030 Rev.1.02
www.MonolithicPower.com
1
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4030 is a TRIAC-dimmable, primary-side-
control, offline LED lighting controller with active
PFC. It can output an accurate LED current for
an isolated lighting application with a single-stage
converter. The proprietary real-current-control
method can accurately control the LED current
using primary-side information. It can significantly
simplify
LED
lighting
system
design
by
eliminating secondary-side feedback components
and the optocoupler.
The MP4030 implements power-factor correction
and works in boundary-conduction mode to
reduce MOSFET switching losses.
The MP4030 has an integrated charging circuit at
the supply pin for fast start-up without a
perceptible delay.
The proprietary dimming contraol expands the
TRIAC-based dimming range.
The MP4030 has multiple protections that greatly
enhance system reliability and safety, and
include
over-voltage
protection,
short-circuit
protection, programmable primary-side over-
current
protection,
supply-pin
under-voltage
lockout, and over-temperature protection.
All fault protections feature auto-restart.
The MP4030 is available in an 8-pin SOIC
package.
FEATURES
 Primary-Side-Control without Requiring a
Secondary-Side Feedback Circuit
 Internal Charging Circuit at the Supply Pin for
Fast Start-Up
 Accurate Line Regulation
 High Power Factor
 Flicker-Free, Phase-Controlled TRIAC
Dimming with Expanded Dimming Range.
 Operates in Boundary Conduction Mode
 Cycle-by-Cycle Current Limit
 Programmable Primary-Side Over-Current
Protection
 Over-Voltage Protection
 Short-Circuit Protection
 Over-Temperature Protection
 Available in an 8-Pin SOIC Package
APPLICATIONS
 Solid-State Lighting, including:
 Industrial and Commercial Lighting
 Residential Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP4030GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4030AGS MPS-MP4030AGS Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
More results

Similar Description - MP4030GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4060 MPS-MP4060 Datasheet
658Kb / 25P
TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
EV4031-S-00A MPS-EV4031-S-00A Datasheet
698Kb / 19P
108Vac~305Vac, 30V/530mA Primary-side-control with Active PFC TRIAC and Analog Dimmable LED Driver EVB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com