Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4030GS Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4030GS
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030GS Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4030GS Datasheet HTML 11Page - Monolithic Power Systems MP4030GS Datasheet HTML 12Page - Monolithic Power Systems MP4030GS Datasheet HTML 13Page - Monolithic Power Systems MP4030GS Datasheet HTML 14Page - Monolithic Power Systems MP4030GS Datasheet HTML 15Page - Monolithic Power Systems MP4030GS Datasheet HTML 16Page - Monolithic Power Systems MP4030GS Datasheet HTML 17Page - Monolithic Power Systems MP4030GS Datasheet HTML 18Page - Monolithic Power Systems MP4030GS Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
15
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OCP
signal
0.9V
Latch
Ip
ZCD
Gate
RS
R1
R2
LEB
Figure 10: ZCD Over-Current Protection Circuit
Thermal Shutdown
To prevent internal temperatures from exceeding
150°C and causing lethal thermal damage, the
MP4030 shuts down the switching cycle and
latched until VCC dropping below UVLO and
restarts again.
TRIAC-Based Dimming Control
The MP4030 can implement TRIAC-based
dimming. The TRIAC dimmer usually consists of
a bi-directional SCR with an adjustable turn-on
phase. Figure 11 shows the leading-edge TRIAC
dimmer waveforms.
Line voltage
after TRIAC
dimmer
Input line
voltage before
TRIAC dim mer
Rectified line
voltage
Dimm er
turn on
phase
Line cycle
Figure 11: TRIAC Dimmer Waveforms
The MP4030 detects the dimming turn-on cycle
through the MULT pin, which is fed into the
control loop to adjust the internal reference
voltage. When the MULT voltage exceeds 0.35V,
the device treats this signal as a dimmer turn-on
signal. When the MULT voltage falls below 0.15V,
the system treats this as a dimmer turn-off signal.
The MP4030 has a 25% line-cycle–detection
blanking time with each line cycle, The real
phase detector output adds this time, as shown
in Figure 12. That means if the turn-on cycle
exceeds 75% of the line cycle, the output
remains at the same maximum current. It
improves the line regulation during the maximum
TRIAC turn-on cycle or without a dimmer.
Figure 12: Dimming Turn-On Cycle Detector
If the turn-on cycle decreases to less than 75% of
the line cycle, the internal reference voltage
decreases as the dimming turn-on phase
decreasing, and the output current decreases
accordingly to implement dimming. As the
dimming turn-on cycle decreases, the COMP
voltage also decreases. Once the COMP voltage
reaches to 1.9V, it is clamped so that the output
current decreases slowly to maintain the TRIAC
holding current and avoid random flicker. Figure
13 shows the relationship between the dimming
turn-on phase and output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com