Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4030GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4030GS
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4030GS Datasheet HTML 1Page - Monolithic Power Systems MP4030GS Datasheet HTML 2Page - Monolithic Power Systems MP4030GS Datasheet HTML 3Page - Monolithic Power Systems MP4030GS Datasheet HTML 4Page - Monolithic Power Systems MP4030GS Datasheet HTML 5Page - Monolithic Power Systems MP4030GS Datasheet HTML 6Page - Monolithic Power Systems MP4030GS Datasheet HTML 7Page - Monolithic Power Systems MP4030GS Datasheet HTML 8Page - Monolithic Power Systems MP4030GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
4
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating Range
V
CC
After turn on
10
27
V
VCC Upper Level: Internal
Charging Circuit Stops and IC
Turns On
V
CCH
9.5
10
10.5
V
VCC Lower Level: Internal
Charging Circuit Triggers
V
CCL
8.55
9
9.45
V
VCC Re-charge and IC turns off
Level in Fault Condition
V
CCEN
Fault condition
6.55
7
7.45
V
Supply Current
VCC Charging Current from D
I
D_Charge
VD=16V, VCC=5V
12.5
15
17.5
mA
Quiescent Current
I
Q
No switching, VCC=15V
800
1000
µA
Quiescent Current at Fault
I
Q_Fault
Fault condition, IC
latch,VCC=15V
180
220
300
µA
Operating Current
I
cc
f
s =70kHz, VCC=15V
1
2
mA
Multiplier
Linear Operation Range
V
MULT
V
COMP from 1.9V to 4.9V
0
3
V
V
COMP=2V, VMULT=0.5V
0.84
1.06
1.26
1/V
V
COMP=2V, VMULT=1.5V
0.9
1.08
1.23
1/V
Gain
K
(5)
V
COMP=2V, VMULT=3V
0.93
1.1
1.25
1/V
TRIAC Dimming OFF Detection
Threshold
V
MUL_OFF
0.13
0.15
0.17
V
TRIAC Dimming ON Detection
Threshold
V
MUL_ON
0.32
0.35
0.38
V
TRIAC Dimming OFF Line-Cycle
Blanking Ratio
D
OFF_LEB
25%
Dimming Pull-Down MOSFET
Turn-ON Threshold
V
MULT_DP_ON
0.22
0.25
0.28
V
Dimming Pull down MOSFET
Turn-OFF Delay Time
t
DP_OFF_Delay
starts at the rising edge
of V
MULT=VMULT_ON
150
200
250
µs
Error Amplifier
Reference Voltage
V
REF
0.386
0.4
0.414
V
Transconductance
G
EA
Guaranteed by design
250
µA/V
COMP Lower Clamp Voltage
V
COMPL
1.85
1.9
1.95
V
Max. Source Current
I
COMP+
57
µA
Max. Sink Current without
Dimmer
I
COMP-
-300
µA
Sink Current at TRIAC Dimming
Off
I
Sink_Dim
63
70
77
µA
Short-Circuit Detect Threshold
V
COMP_SCP
4.85
5
5.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com