Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4030GS Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP4030GS
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030GS Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP4030GS Datasheet HTML 13Page - Monolithic Power Systems MP4030GS Datasheet HTML 14Page - Monolithic Power Systems MP4030GS Datasheet HTML 15Page - Monolithic Power Systems MP4030GS Datasheet HTML 16Page - Monolithic Power Systems MP4030GS Datasheet HTML 17Page - Monolithic Power Systems MP4030GS Datasheet HTML 18Page - Monolithic Power Systems MP4030GS Datasheet HTML 19Page - Monolithic Power Systems MP4030GS Datasheet HTML 20Page - Monolithic Power Systems MP4030GS Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
19
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
47nF/630V/1206
C4
499k/1%
1206
R17
7.5k/1%
R10
2.2nF/250V
CY1
30k/1%
1206
R22
8.45k/1%
R13
Lp=1.92mH
Output:
4.7mH
L1
0.24A
4.7mH
L2
0.24A
1206
1k/1%
R1
100nF/400V
C3
MULT
1
ZCD
2
VCC
3
DP
4
S
5
D
6
GND
7
COMP
8
U1 MP4030
100m/1%/1206
R19
2.2/1%/1206
R18
357/1%/1206
R14
470uF/35V
C10
1N4007
D7
1kV/1A
130k/1%
R6
AP03N70I
1
Q1
650V/3.3A
B1100
1
2
D8
100V/1A
82Ts
19Ts
16Ts
2
1
6
AUX+
B
W
RM6
T1
1N4148W
1
2
D4
75V/0.15A
1N4148W
1
2
D6
75V/0.15A
BZT52C15
D5
15V/5mA
330nF/25V
C7
1206
51/1%
R12
BAV21W
1
2
D3
200V/0.2A
2.2nF/50V
C5
22uF/50V
C6
39k/1%
R21
100k
R15
1W
1M/1/4W
R8
33nF/50V
C2
510/1W
R9
1M/1/4W
R11
SSN1N45BTA
1
Q3
450V/0.5A
BZT52C15
D1
15V/5mA
10/1%
R7
MMBT3906LT1
1
Q2
-40V/-0.2A
0603
2.2uF/10V
C8
10nF/275VAC
CX1
MB6S
BD1
600V/0.5A
SS-5-2A
F1
2A/250VAC
V
108-132VAC/60Hz
LED+
LED-
470uF/35V
C9
1206
1k/1%
R4
R5 5.1k/1%/1206
IN
21V/350mA
1N4148W
1
2
D9
75V/0.15A
1
2
1.8mH/0.35A
L3
220nF/400V
C1
510/1W
R3
510/1W
R2
3.9k/1%
R16
1206
10k/1%
R20
ERZ-V10D241
RV1
1N4148W
D2
75V/0.15A
10pF/50V
C11
Figure 17: 108-132VAC Input, TRIAC dimmable, Isolated Flyback Converter, Drive 6 LEDs in Series,
350mA LED Current for LED Lighting, EVB Model: EV4030-S-00A
MULT
1
ZCD
2
VCC
3
DP
4
S
5
D
6
GND
7
COMP
8
MP4030
U1
1
2
22nF/275V
CX1
DF06S
2
1
DB1
2
1
1mH/0.42A
L1
BAV21W
1
2
D7
MBRS3200T3G
1
2
D2
L
N
33 F/50V
C5
33 F/50V
C6
30k/120 6
R9
LED+
LED-
GND
GND
GND
1
2
2.2nF/250V
CY1
22nF/630V
C2
WSGC10MH
D3
1M/1%/0.25W
R10
2.2nF/50V
C9
5.1k
R1
330/2W
R12
10
R5
1M/1%/0.25W
R3
220nF/400V
C3
33nF/50V
C4
1N4148WS
1
2
D1
SSN1N45BTA
1
Q1
MMBT3906LT1
1
Q3
BZT52C15
D4
GND
GND
4.12k/1%
R17
50m/1%/1206
R18
1.5/1%/1206
R20
GND
357/1206
R19
R15
GND
470k/1W
R6
1N4148WS
1
2
D5
BZT52C16
D6
GND
CEF04N7G
1
Q2
30V/500mA
185-265VAC
145Ts
29Ts
19Ts
Lp=2.15mH
TVR10431
RV1
GND
3
1
4
6
11
7
EF20
T1
450V/0.5A
100nF/630V
C1
200V/0.2A
700V/4A
1kV/1A
200V/3A
47
0V
C10
1N4148WS
1
2
D8
10k/0.25 W
R21
5.9k/1%
25.5k/1%
R16
1N4148WS
D9
600V/1.5A
51/1206
R11
499k/12 06
R2
2
1
470pF/1kV/1206
C11
F/10V
C8
1.8mH/0.35A
L2
1.8mH/0.35A
L3
68k/1%
R8
510/2W
R7
510/2W
R4
V
C7
200/1206
R22
10K/1%
R23
Figure 18: 198-265VAC Input, TRIAC dimmable, Isolated Flyback Converter, Drive 10 LEDs in Series,
530mA LED Current for LED Lighting, EVB Model: EV4030-S-00B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com