Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4031GS
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4031GS Datasheet HTML 1Page - Monolithic Power Systems MP4031GS Datasheet HTML 2Page - Monolithic Power Systems MP4031GS Datasheet HTML 3Page - Monolithic Power Systems MP4031GS Datasheet HTML 4Page - Monolithic Power Systems MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
5
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Current Sense Comparator
Leading-Edge Blanking Time
τ
LEB
360
450
540
ns
Current Sense Upper Clamp
Voltage
V
S clamp H
2.2
2.3
2.4
V
Current Sense Lower Clamp
Voltage
V
S clamp L
0.12
0.15
0.18
V
Zero-Current Detector
Zero-Current–Detect Threshold
V
ZCD_T
Falling Edge
0.32
0.35
0.37
V
Zero-Current–Detect Hysteresis
V
ZCD_Hy
520
550
580
mV
Zero-Current–Detect LEB
V
ZCD_LEB
Starts at Gate Turn Off
1.8
2.5
3.1
µs
Over-Voltage Threshold
V
ZCD_OVP
5.2
5.5
5.8
V
OVP Detect LEB
τ
OVP_LEB
Starts at Gate Turn Off
1.5
2
2.5
µs
Minimum Off Time
τ
off_min
4.2
5.6
7
µs
Starter
Start-Timer Period
τ
start
90
115
140
µs
Internal Main MOSFET
Breakdown Voltage
BV
DSS_main
V
GS=0
30
V
Drain-Source On-Resistor
R
DS(on)_main
I
D=100mA
200
250
300
mΩ
Notes:
5) The multiplier output is given by: Vs=K•V
MULT• (VCOMP-1.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com