Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4031GS
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems MP4031GS Datasheet HTML 15Page - Monolithic Power Systems MP4031GS Datasheet HTML 16Page - Monolithic Power Systems MP4031GS Datasheet HTML 17Page - Monolithic Power Systems MP4031GS Datasheet HTML 18Page - Monolithic Power Systems MP4031GS Datasheet HTML 19Page - Monolithic Power Systems MP4031GS Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
16
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
approximately as:
p
FB
o
12
A_ DIM
s
p
12
12
I
NV
I
RR
2
VR I
RR
RR
⋅
=⋅
⋅+
⋅
⋅
++
As the equation shows, the output current Io
decreases from max value to min, when VA_DIM
increasing from 0V to 10V.
EMI
Filter
N:1
COMP
GND
D
S
VCC
MULT
MP4031
1
CS /DIM
ZCD
VA_DIM
Interface
circuit
Isolation
circuit
Rs
Ip
Power
supply
0-10V
Dimmer
R1
R2
VCS/DIM
Figure 13: Typical Application Circuit for Analog Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com