Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4031GS
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 2Page - Monolithic Power Systems MP4031GS Datasheet HTML 3Page - Monolithic Power Systems MP4031GS Datasheet HTML 4Page - Monolithic Power Systems MP4031GS Datasheet HTML 5Page - Monolithic Power Systems MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
6
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
MULT
Internal Multiplier Input. Connect to the tap of resistor divider from the rectified voltage of
the AC line. The half-wave sinusoid signal to this pin provides a reference signal for the
internal current control loop. The MULT pin also detects the TRIAC dimming phase.
2
ZCD
Zero-Current Detection. A negative going edge triggers the internal MOSFET’s turn-on
signal. Connect to the tap of a resistor divider from the auxiliary winding to GND. ZCD can
also detect over-voltage and over-current conditions. Over-voltage occurs if VZCD exceeds
the over-voltage-protection (OVP) threshold after a 2µs blanking time when the internal
MOSFET turns off.
3
VCC
Supply Voltage. Supplies power for both the control signal and the internal MOSFET’s gate
driver. Connect to an external bulk capacitor—typically 22µF with a 100pF ceramic
capacitor to reduce noise.
4
CS/DIM
Current Sense and Analog dimming. An internal comparator compares the Current Sense
voltage to the internal sinusoidal current reference to determine when the MOSFET turns
off. If the voltage exceeds the current-limit threshold of 2.3V after the leading edge blanking
time and during the turn-on interval, the gate signal turns off. In Triac dimming, this pin is
connected directly to S Pin for current sense, and in Analog dimming, the Analog dimming
signal is added through this pin as the typical application shows.
5
S
Internal Low-Side Main MOSFET Source. Connect a resistor from this pin to GND to sense
the internal MOSFET current.
6
D
Internal Low-Side Main MOSFET Drain. This pin internally connects to VCC via a diode and
a JFET to form an internal charging circuit for VCC. Connect to the source of the high-side
MOSFET.
7
GND
Ground. Current return of the control signal and the gate drive signal.
8
COMP
Loop Compensation. Connects to a compensation network to stabilize the LED driver and
accurately control the LED driver current. The COMP pin can also monitor for overload
conditions: if the COMP voltage rises above 5V, the overload protection triggers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com