Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4031GS
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems MP4031GS Datasheet HTML 15Page - Monolithic Power Systems MP4031GS Datasheet HTML 16Page - Monolithic Power Systems MP4031GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
13
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Where:
• N is the turn ratio of the primary side to the
secondary side,
• VFB is the feedback reference voltage
(typically 0.4), and
• Rs is the sense resistor between the
MOSFET source and GND.
Power-Factor Correction
The MULT pin connects to the tap of a resistor
divider from the rectified instantaneous line
voltage. The multiplier output also has a
sinusoidal shape. This signal provides the
reference for the current comparator against the
primary-side–inductor current, which shapes the
primary-peak current into a sinusoid with the
same phase as the input line voltage. This
achieves a high power factor.
Inductor current
Multiplier output
Figure 4: Power-Factor Correction
The multiplier’s maximum output voltage to the
current comparator is clamped to 2.3V to limit the
cycle-by-cycle current. The multiplier’s minimum
output voltage is clamped to 0.1 to ensure a turn-
on signal during the TRIAC dimming OFF interval,
which pulls down the rectifier input voltage and
accurately detects the dimming phase.
VCC Timing Sequence
Initially, VCC charges through the internal
charging circuit from the AC line. When VCC
reaches 10V, the internal charging circuit stops
charging, the control logic initializes and the
internal main MOSFET begins to switch. Then
the auxiliary winding takes over the power supply.
However, the initial auxiliary-winding positive
voltage may not be large enough to charge VCC,
causing VCC to drop. Instead, if the VCC voltage
drops below the 9V threshold, the internal
charging circuit triggers and charges VCC to 10V
again. This cycle repeats until the auxiliary
winding voltage is high enough to power VCC.
If any fault occurs during this time, the switching
and the internal charging circuit will stop and
latch, and VCC drops. When VCC decreases to
7V, the internal charging circuit re-charges for
auto-restart.
10V
9V
Vcc
Internal
Charging Circuit
And Regulates the VCC
Auxiliary Winding Takes Charge
Fault happens
Gate
Switching Pulses
7V
Figure 5: VCC Timing Sequence
Auto Start
The MP4031 includes an auto starter that starts
timing when the MOSFET turns off. If ZCD fails
to send a turn-on signal after 122µs, the starter
will automatically sends a turn-on signal to avoid
unnecessary IC shutdowns if ZCD fails.
Minimum OFF Time
The MP4031 operates with a variable switching
frequency; the frequency changes with the
instantaneous input-line voltage. To limit the
maximum
frequency
and
get
good
EMI
performance, the MP4031 employs an internal
minimum OFF-time limiter of 5µs, as shown in
Figure 6.
ZCD
GATE
5.6us
Figure 6: Minimum OFF time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com