Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4031GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4031GS
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 6Page - Monolithic Power Systems MP4031GS Datasheet HTML 7Page - Monolithic Power Systems MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
10
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =120VAC, 7 LEDs in series, IO=350mA, VO=22V, Lm=1.6mH, NP:NS:NAUX =82:16:19, Analog
dimmable.
0
50
100
150
200
250
300
350
400
0 1 2 3 4567 89 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com