Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4558DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4558DN
Description  1A, 2MHz, 55V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4558DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4558DN Datasheet HTML 1Page - Monolithic Power Systems MP4558DN Datasheet HTML 2Page - Monolithic Power Systems MP4558DN Datasheet HTML 3Page - Monolithic Power Systems MP4558DN Datasheet HTML 4Page - Monolithic Power Systems MP4558DN Datasheet HTML 5Page - Monolithic Power Systems MP4558DN Datasheet HTML 6Page - Monolithic Power Systems MP4558DN Datasheet HTML 7Page - Monolithic Power Systems MP4558DN Datasheet HTML 8Page - Monolithic Power Systems MP4558DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP4558
– 1A, 2MHz, 55V STEP-DOWN CONVERTER
MP4558 Rev. 1.01
www.MonolithicPower.com
2
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP4558DN*
SOIC8E
MP4558DN
LLLLLLLL
MPSYWW
MP4558DQ**
QFN10 (3 x 3mm)
ABPY
LLL
* For Tape & Reel, add suffix
–Z (e.g. MP4558DN–Z)
For RoHS Compliant Packaging, add suffix
–LF, (e.g. MP4558DN
–LF–Z)
** For Tape & Reel, add suffix
–Z (e.g. MP4558DQ–Z)
For RoHS Compliant Packaging, add suffix
–LF, (e.g. MP4558DQ
–LF–Z)
PACKAGE REFERENCE
SOIC8 (Exposed Pad)
QFN10(3mm x 3mm)
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VIN).................... –0.3V to +60V
Switch Voltage (VSW)......... –0.5V to (VIN + 0.5V)
BST to SW....................................
–0.3V to +5V
All Other Pins................................
–0.3V to +5V
Continuous Power Dissipation
(TJ = +25°C)
(2)
SOIC8E
……………………………………….2.5W
QFN10
………………………………………. 2.5W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature..............
–65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 3.8V to 55V
Output Voltage VOUT........................ 0.8V to 52V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 (Exposed Pad) ............50 ...... 10 ...°C/W
QFN10 (3mm x 3mm) .............50 ...... 12 ...°C/W
Notes:
1) Exceeding these ratings may damage the device
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal res
istance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com