Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4558DN Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4558DN
Description  1A, 2MHz, 55V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4558DN Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4558DN Datasheet HTML 12Page - Monolithic Power Systems MP4558DN Datasheet HTML 13Page - Monolithic Power Systems MP4558DN Datasheet HTML 14Page - Monolithic Power Systems MP4558DN Datasheet HTML 15Page - Monolithic Power Systems MP4558DN Datasheet HTML 16Page - Monolithic Power Systems MP4558DN Datasheet HTML 17Page - Monolithic Power Systems MP4558DN Datasheet HTML 18Page - Monolithic Power Systems MP4558DN Datasheet HTML 19Page - Monolithic Power Systems MP4558DN Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP4558
– 1A, 2MHz, 55V STEP-DOWN CONVERTER
MP4558 Rev. 1.01
www.MonolithicPower.com
16
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
place the input decoupling capacitor and the
catch diode as close to the MP4558 (VIN pin, SW
pin and PGND) as close as possible with short
and wide traces. This can help to greatly reduce
the voltage spikes on the SW node, and lower
the EMI noise level.
Route the feedback trace as far from the inductor
and noisy power traces as possible. If possible,
run the feedback trace on the opposite side of
the PCB opposite from the inductor with a ground
plane
separating
the
two.
Placing
the
compensation components close to the MP4558.
Avoid placing the compensation components
close to or under the high-dv/dt SW node, or
inside the high-di/dt power loop. If this is not
possible, route a ground plane to isolate the
circuit. Switching loss is expected to increase at
high switching frequencies.
To help to improve the thermal conduction, add
grid of thermal vias under the exposed pad. use
small vias (15mil barrel diameter) so that the
plating process fills the holes, thus aiding
conduction to the other side. Excessively large
holes can cause solder wicking during the reflow
soldering process. The typical pitch (distance
between the centers) between thermal vias is
typically 40mil.
External Bootstrap Diode
An external bootstrap diode may enhance the
regulator efficiency. For the cases described
below, add an external BST diode from 5V to the
BST pin:
There is a 5V rail available in the system;
VIN is no greater than 5V;
VOUT is between 3.3V and 5V;
This diode is also recommended for high-duty
–
cycle
operation
(when
VOUT/VIN
>
65%)
applications.
The bootstrap diode can be a low-cost one such
as IN4148 or BAT54.
Figure 2: External Bootstrap Diode
At no load or light load, the converter may
operate in pulse-skipping mode to maintain the
output voltage in regulation: there is less time to
refresh the BS voltage. For sufficient gate voltage
under such operating conditions, chose VIN –
VOUT > 3V. For example, if VOUT = 3.3V, VIN needs
to be greater than 3.3V+3V=6.3V for sufficient
BST voltage at no load or light load. To meet this
requirement, the EN pin can program the input
UVLO voltage to VOUT+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com