Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4558DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4558DN
Description  1A, 2MHz, 55V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4558DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4558DN Datasheet HTML 8Page - Monolithic Power Systems MP4558DN Datasheet HTML 9Page - Monolithic Power Systems MP4558DN Datasheet HTML 10Page - Monolithic Power Systems MP4558DN Datasheet HTML 11Page - Monolithic Power Systems MP4558DN Datasheet HTML 12Page - Monolithic Power Systems MP4558DN Datasheet HTML 13Page - Monolithic Power Systems MP4558DN Datasheet HTML 14Page - Monolithic Power Systems MP4558DN Datasheet HTML 15Page - Monolithic Power Systems MP4558DN Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP4558
– 1A, 2MHz, 55V STEP-DOWN CONVERTER
MP4558 Rev. 1.01
www.MonolithicPower.com
12
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
Set the output voltage with a resistor divider
between the output voltage and the FB pin. The
voltage divider drops the output voltage down to
the feedback voltage by the ratio:
FB
OUT
R2
V =V
R1+R2
Thus the output voltage is:
OUT
FB
R1+R2
V
=V
R2
For example, for R2 =
10kΩ, R1 can be
determined by:
)
)(
8
.
0
k
(V
12.5
R1
OUT
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 31.6kΩ.
Inductor
The inductor supplies constant current to the
output load while being driven by the switched
input voltage. A larger value inductor will result in
less ripple current that will lower the output ripple
voltage. However, a larger-valued inductor is
physically larger, has a higher series resistance,
or lower saturation current.
Generally, determine an appropriate inductance
value by selecting the peak-to-peak inductor
ripple current equal to approximately 30% of the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. Calculate the
inductance value with:
OUT
OUT
s
L
IN
VV
L1=
(1-
)
f
ΔI
V
Where:
 V
OUT is the output voltage,
 V
IN is the input voltage,
 f
S is the switching frequency, and
 ∆I
L is the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. Calculate
the peak inductor current with:


IN
OUT
S
OUT
LOAD
LP
V
V
1
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors from
various manufacturers. The choice the inductor
style mainly depends on the price vs. size
requirements and any EMI requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com