Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4558DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4558DN
Description  1A, 2MHz, 55V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4558DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4558DN Datasheet HTML 1Page - Monolithic Power Systems MP4558DN Datasheet HTML 2Page - Monolithic Power Systems MP4558DN Datasheet HTML 3Page - Monolithic Power Systems MP4558DN Datasheet HTML 4Page - Monolithic Power Systems MP4558DN Datasheet HTML 5Page - Monolithic Power Systems MP4558DN Datasheet HTML 6Page - Monolithic Power Systems MP4558DN Datasheet HTML 7Page - Monolithic Power Systems MP4558DN Datasheet HTML 8Page - Monolithic Power Systems MP4558DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP4558
1A, 2MHz, 55V
Step-Down Converter
MP4558 Rev. 1.01
www.MonolithicPower.com
1
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP4558 is a high-frequency, step-down
switching regulator with an integrated internal
high-side
high-voltage
power
MOSFET.
It
provides up to a 1A output with current-mode
control
for
fast
loop
response
and
easy
compensation.
The wide 3.8V-to-55V input range accommodates
a variety of step-down applications, including
automotive input. A 12µA shutdown-mode supply
current makes it suitable for battery-powered
applications.
A scaled-down switching frequency in light-load
conditions
provides
high
power-conversion
efficiency over a wide load range while reducing
switching and gate driver losses.
The frequency fold-back prevents inductor current
runaway during startup and thermal shutdown
provides reliable, fault-tolerant operation.
By switching at 2MHz, the MP4558 can prevent
EMI
(electromagnetic
interference)
noise
problems, such as those found in AM radio and
ADSL applications.
The MP4558 is available in an SOIC8E and a 10-
pin 3mm x 3mm QFN package.
FEATURES
 Wide 3.8V-to-55V Operating Input Range
 250mΩ Internal Power MOSFET
 Up to 2MHz Programmable Switching
Frequency
 140μA Quiescent Current
 Stable with Ceramic Capacitors
 Internal Soft-Start
 Up to 95% Efficiency
 Output Adjustable from 0.8V to 52V
 Available in SOIC8E and 3mm x 3mm
QFN10 Packages
APPLICATIONS
 High-Voltage Power Conversion
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit the MPS website under Products, Quality Assurance
page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP4558DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
MP4559DN MPS-MP4559DN Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
MP4559DQ MPS-MP4559DQ Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
More results

Similar Description - MP4558DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MPQ4558 MPS-MPQ4558 Datasheet
527Kb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561 MPS-MPQ4561 Datasheet
1Mb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4560-AEC1 MPS-MPQ4560-AEC1 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
1.5A, 2MHz, 55V Step-Down Converter
EVQ4560-N-00A MPS-EVQ4560-N-00A Datasheet
711Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
logo
Diodes Incorporated
AL8862Q DIODES-AL8862Q Datasheet
1Mb / 16P
AUTOMOTIVE GRADE 55V 1A STEP-DOWN CONVERTER
August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com