Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4558DN Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4558DN
Description  1A, 2MHz, 55V Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4558DN Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4558DN Datasheet HTML 10Page - Monolithic Power Systems MP4558DN Datasheet HTML 11Page - Monolithic Power Systems MP4558DN Datasheet HTML 12Page - Monolithic Power Systems MP4558DN Datasheet HTML 13Page - Monolithic Power Systems MP4558DN Datasheet HTML 14Page - Monolithic Power Systems MP4558DN Datasheet HTML 15Page - Monolithic Power Systems MP4558DN Datasheet HTML 16Page - Monolithic Power Systems MP4558DN Datasheet HTML 17Page - Monolithic Power Systems MP4558DN Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP4558
– 1A, 2MHz, 55V STEP-DOWN CONVERTER
MP4558 Rev. 1.01
www.MonolithicPower.com
14
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Input Capacitor
The input current to the step-down converter is
discontinuous and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Use
capacitors
with
low
equivalent
series
resistance (ESR) for the best performance.
Ceramic capacitors are preferred, but tantalum or
low-ESR electrolytic capacitors may also suffice.
For simplification, choose the input capacitor with
an RMS current rating greater than half of the
maximum load current. The input capacitor (C1)
can be electrolytic, tantalum or ceramic.
When using electrolytic or tantalum capacitors,
include a small, high-quality ceramic capacitor
—
i.e. 0.1μF—placed as close to the IC as possible.
When using ceramic capacitors, make sure that
they
have
enough
capacitance
to
provide
sufficient charge to prevent excessive voltage
ripple at the input. The input voltage ripple
caused by the capacitance can be estimated by:


IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR electrolytic capacitors for best results. Low
ESR capacitors are preferred to keep the output
voltage ripple low. The output voltage ripple can
be estimated by:




2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
ESR value of the output capacitor.
For ceramic capacitors, the impedance at the
switching
frequency
is
dominated
by
the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:


IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
ΔV
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
ΔV


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP4558 can be optimized for a wide range of
capacitances and ESR values.
Compensation Components
MP4558 employs current-mode control for easy
compensation and fast transient response. The
COMP pin controls the system stability and
transient response
—the COMP pin is the output
of the internal error amplifier. A capacitor-resistor
combination
in
series
sets
a
pole-zero
combination to control the characteristics of the
control system. The DC gain of the voltage
feedback loop is given by:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
Where
 A
VEA
is the error amplifier voltage gain,
400V/V,
 G
CS
is
the
current
sense
transconductance,5.6A/V, and
 R
LOAD is the load resistor value.
The system has two poles of importance: One is
caused by the compensation capacitor (C3) and
the output resistor of error amplifier; the other is
caused by the output capacitor and the load
resistor. These poles are located at:

EA
P1
VEA
G
f
2
π C3 A

P2
LOAD
1
f
2
π C2 R
Where,
GEA
is
the
error
amplifier
transconductance, 120
μA/V.
The system has one zero of importance from C3
and the compensation resistor (R3). This zero is
located at:

Z1
1
f
2
π C3 R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com