Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4601EF
Description  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4601EF Datasheet HTML 1Page - Monolithic Power Systems MP4601EF Datasheet HTML 2Page - Monolithic Power Systems MP4601EF Datasheet HTML 3Page - Monolithic Power Systems MP4601EF Datasheet HTML 4Page - Monolithic Power Systems MP4601EF Datasheet HTML 5Page - Monolithic Power Systems MP4601EF Datasheet HTML 6Page - Monolithic Power Systems MP4601EF Datasheet HTML 7Page - Monolithic Power Systems MP4601EF Datasheet HTML 8Page - Monolithic Power Systems MP4601EF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4601 Rev. 1.0
www.MonolithicPower.com
3
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP4601EF*
TSSOP16-EP
MP4601EF
-20
°C to +85°C
MP4601ES
SOIC16
MP4601ES
* For Tape & Reel, add suffix –Z (e.g. MP4601EF–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP4601EF–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VVIN – VSS ........................................-0.3V to 85V
VINGND – VSS.....................................-0.3V to 85V
VSW – VSS ............................ -0.3V to VVIN + 0.3V
VBST ...................................................... VSW + 6V
VDGD – VSS .....................................-0.3V to +12V
VSLOPE, VOCP – VSS ...........................-0.3V to +6V
VOVP, VFB, VCOM, VFST – VSS .............-0.3V to +6V
VFAULT, VDIM, VSYN, VEN – VINGND .......-0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
TSSOP16-EP............................................. 2.7W
SOIC16 ...................................................... 1.6W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VVIN – VSS ................4.5V to 75V
VDIM, VEN, VSYN – VINGND.........................0V to 5V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP16-EP ......................... 45 ...... 10...
°C/W
SOIC16.................................. 80 ...... 30...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device function is not guaranteed outside of the
recommended operating conditions.
4) Measured on JESD5 1-7, 4-layer PCB.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
EXPOSED PAD
FOR TSSOP20F ONLY
VIN
OCP
INGND
EN
SLOPE
DIM
SYN
FST
COMP
VSS
FB
DGD
OVP
FAULT
BST
SW
1
2
3
4
16
15
14
13
12
11
10
9
5
6
7
8
TOP VIEW
PIN 1 ID
VIN
INGND
EN
SLOPE
DIM
SYN
FST
FAULT
OCP
COMP
VSS
FB
DGD
OVP
BST
SW
TSSOP16-EP
SOIC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com