Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4601EF
Description  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4601EF Datasheet HTML 8Page - Monolithic Power Systems MP4601EF Datasheet HTML 9Page - Monolithic Power Systems MP4601EF Datasheet HTML 10Page - Monolithic Power Systems MP4601EF Datasheet HTML 11Page - Monolithic Power Systems MP4601EF Datasheet HTML 12Page - Monolithic Power Systems MP4601EF Datasheet HTML 13Page - Monolithic Power Systems MP4601EF Datasheet HTML 14Page - Monolithic Power Systems MP4601EF Datasheet HTML 15Page - Monolithic Power Systems MP4601EF Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4601 Rev. 1.0
www.MonolithicPower.com
12
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
MP4601 is a Buck-boost mode LED driver. Its
novel
power
leverage
control
technology
provides a high efficiency, low cost solution for
TV LED driver. With a high bus voltage VINH and
a low supply voltage VINL (typical 12V or 24V,
not recommend higher than 60V), MP4601 can
drive over 60 inch or larger size panel for over
350V LED string voltage.
Setting the LED Current
An external resistor RFB is used to set the
maximum LED current through the use of the
equation:
FB
LED
0.200V
R
I
=
Setting the Switching Frequency
An external resistor RFST can be used to set the
switching frequency fS through the use of the
equation:
S
FST
60k
f0.95MHz
R
=⋅
The equation is effective only for 200kHz to
2MHz frequency programming range.
If FST pin is floating or RFST is larger than
500k
Ω, the setting frequency is the default
value 0.95MHz.
Setting the Current Limit
An external resistor ROCP can be used to set the
cycle-to-cycle current limit ILIM through the use
of the equation:
LIM
OCP
100k
I4.1A
1.1A
R
=⋅
−
The equation is effective only for a range from
30k to 500k for the programming resistor ROCP.
If OCP pin is floating or ROCP is larger than
500k
Ω, the current limit is the default value of
2.5A.
Setting the Slope Compensation
MP4601 employs peak current mode control,
which will need slope compensation to avoid
sub-harmonic oscillation when duty cycle
exceeds 50%.
The current loop has effective sense resistor of
0.4Ω. Given a desired input, output voltage
relationship, one can estimate the sense
current ramp down slope as:
L
DOWN
V
S0.4
L
=⋅
V/µs
Where VL is the voltage across the inductor,
and L is the inductor value.
To
ensure
current
loop
stability,
a
compensation slope of at least half of the ramp
down slope is needed:
SC
DOWN
1
SS
2
>=
An external resistor RSLOPE can be used to set
the slope compensation for the current loop
through the use of the equation:
SC
SLOPE
60k
V
S1.2
s R
=⋅
µ
The equation is effective only for a range from
20k to 500k for the programming resistor
RSLOPE.
If SLOPE pin is floating or RSLOPE is larger than
500k
Ω, the slope compensation is set to default
value of 1.2V/µs.
FAULT condition output
MP4601 has an open drain output to indicate
FAULT condition. During normal operation,
FAULT is high-Z output and user can pull it up
to any desired voltage with an external resistor.
However, if for some reason, FB is greater than
600mV above VSS, or FB is greater than
300mV above VSS for a pre-determined time of
~480µs, FAULT will be pulled low to INGND
level. The Rdson for this pull down switch is
~100Ω.
Selecting the Inductor
Inductor selection is related to the input voltage,
output voltage, and LED current. Select the
inductor to make the circuit always operate in
continuous
current
mode
(CCM).
The
inductance is designed as:
IN
OUT
SIN
OUT
L
VV
L
f(V
V
)
I
⋅
=
⋅
+⋅ ∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com