Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4601EF
Description  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4601EF Datasheet HTML 1Page - Monolithic Power Systems MP4601EF Datasheet HTML 2Page - Monolithic Power Systems MP4601EF Datasheet HTML 3Page - Monolithic Power Systems MP4601EF Datasheet HTML 4Page - Monolithic Power Systems MP4601EF Datasheet HTML 5Page - Monolithic Power Systems MP4601EF Datasheet HTML 6Page - Monolithic Power Systems MP4601EF Datasheet HTML 7Page - Monolithic Power Systems MP4601EF Datasheet HTML 8Page - Monolithic Power Systems MP4601EF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP4601
White LED Driver For
Large Size TV Backlighting
MP4601 Rev. 1.0
www.MonolithicPower.com
1
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4601 is an integrated white LED driver.
It can be applied with MPS patent pending
technology to drive up to 60 inch or larger size
LCD TV backlighting, in which the LED string
voltage can be up to 350V. The novel
technology can leverage the LED drive power
by regulating only small portion of the LED drive
voltage. As a result, working together with a
fixed high voltage source, a low voltage LED
driver can be used to drive the high voltage
LED strings with super high power density, high
efficiency and low cost due to the low voltage
stress, high switching frequency, and smaller
size of passive components.
MP4601 is a current mode controlled buck-
boost regulator. With a 12V input VINL and a
high voltage source VINH, it can deliver a
regulated voltage (VINH to VINH+63V) to drive a
LED string with up to 100 LEDs. It can drive an
external switch, which is in series with the LED
string, to achieve over 1:1000 dimming ratio.
Analog dimming can be applied in the same
time to further improve the dimming ratio. Fault
protection includes LED open strings protection,
output short circuit protection, cycle-by-cycle
peak current limiting, and thermal shutdown.
MP4601 is available in TSSOP16-EP and
SOIC16 packages.
FEATURES
• Novel Power Leverage Control Technology
• Unique Step-up/down Operation
• Up to 99.5% Efficiency
• 0.5Ω Internal Power MOSFET Switch
• Switching Frequency Synchronization
• Over 1:1000 Dimming Ratio
• Analog and PWM Dimming
• ±5% 200mV Reference Voltage
• 850µA Quiescent Current
• 10µA Shutdown Mode
• Programmable Cycle-by-Cycle Over Current
Protection
• Thermal Shutdown Protection
• LED String Open and Short Protection
• FAULT Output for Short LED Protection
• Output Short Circuit Protection
• Available in TSSOP16-EP and SOIC16
Packages
APPLICATIONS
• TV Backlighting
• Large LCD Panels Backlighting
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP4601EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4601EF MPS-MP4601EF Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
More results

Similar Description - MP4601EF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4600 MPS-MP4600 Datasheet
227Kb / 8P
High-Voltage WLED Driver For Large Panel TV Backlighting
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
White LED Driver for Large LCD TV Backlights
logo
Rohm
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
White LED Driver for large LCD panel
logo
Monolithic Power System...
EV4601EF-00A MPS-EV4601EF-00A Datasheet
222Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4601ES-00A MPS-EV4601ES-00A Datasheet
213Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4603-S-00A MPS-EV4603-S-00A Datasheet
326Kb / 6P
Buck-Boost White LED Driver For TV Backlighting Applications
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
Boost White LED Driver For TV Backlighting Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com