Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4601EF
Description  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4601EF Datasheet HTML 8Page - Monolithic Power Systems MP4601EF Datasheet HTML 9Page - Monolithic Power Systems MP4601EF Datasheet HTML 10Page - Monolithic Power Systems MP4601EF Datasheet HTML 11Page - Monolithic Power Systems MP4601EF Datasheet HTML 12Page - Monolithic Power Systems MP4601EF Datasheet HTML 13Page - Monolithic Power Systems MP4601EF Datasheet HTML 14Page - Monolithic Power Systems MP4601EF Datasheet HTML 15Page - Monolithic Power Systems MP4601EF Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4601 Rev. 1.0
www.MonolithicPower.com
13
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Where
∆IL is the inductor peak-to-peak current
ripple. Design
∆IL as about 40% to 60% of the
inductor average current, which is:
OUT
L _ AVG
LED
IN
V
II
(1
)
V
=⋅ +
.
Make sure the inductor is not saturated at the
maximum peak current, which is:
L_ PK
L_ AVG
L
II
0.5
I
=+
⋅ ∆ .
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Ceramic capacitors with
X5R
or
X7R
dielectrics
are
highly
recommended because of their low ESR and
small
temperature
coefficients.
Enough
capacitance is required for limited input voltage
ripple
∆VIN, which should be normally less than
5~10% of the DC value.
L_ AVG
OUT
IN
sIN
IN
OUT
IV
C
fV (V
V
)
>
⋅∆
+
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple
∆VOUT small (normally less than 1~5% of
the DC value) and ensures feedback loop
stable. The output capacitor impedance should
be low at the switching frequency. Ceramic
capacitors with X5R or X7R dielectrics are
recommended for their low ESR characteristics.
LED
OUT
OUT
sOUT
IN
OUT
IV
C
fV
(V
V
)
>
⋅∆
+
PC Board Layout
The high current paths (VSS, VDD and SW)
should be placed very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the VDD and VSS pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switch node traces short and away
from the feedback network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com