Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4601EF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4601EF
Description  White LED Driver For Large Size TV Backlighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4601EF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4601EF Datasheet HTML 7Page - Monolithic Power Systems MP4601EF Datasheet HTML 8Page - Monolithic Power Systems MP4601EF Datasheet HTML 9Page - Monolithic Power Systems MP4601EF Datasheet HTML 10Page - Monolithic Power Systems MP4601EF Datasheet HTML 11Page - Monolithic Power Systems MP4601EF Datasheet HTML 12Page - Monolithic Power Systems MP4601EF Datasheet HTML 13Page - Monolithic Power Systems MP4601EF Datasheet HTML 14Page - Monolithic Power Systems MP4601EF Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP4601 – WHITE LED DRIVER FOR LARGE SIZE TV BACKLIGHTING
MP4601 Rev. 1.0
www.MonolithicPower.com
11
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
The MP4601 is a current mode regulator. The
sensing resistor senses the LED current and
feeds it back to an error amplifier, which
regulates
it
to
200mV
with
an
inside
compensation network. The COMP pin is the
output of the error amplifier. The inductor peak
current is proportional to the COMP pin voltage.
An increase of the COMP voltage increases the
current delivered to the output.
LED Open Protection
If the LED is open, there is no voltage on the
FB pin. The duty cycle will increase until VOVP-
VVSS reaches the shutdown threshold. The top
switch will turn off until the voltage VOVP-VVSS
decreases sufficiently. System enjoys auto-
recovery for the LED open protection.
LED Short Protection
If the FB voltage is higher than 600mV,
immediately IC is latched off and DGD is pulled
low. If FB voltage is higher than 300mV for
480µs, IC is also latched off and DGD is pulled
low. The EN needs reset to restart the IC. The
Fault pin is pulled low when IC is latched off.
Dimming Control
The MP4601 allows both Analog and PWM
dimming. For analog dimming, when the
voltage on DIM is from 0.7V to1.5V, the LED
current will change from 0% to 100% of the
maximum LED current. If the voltage on DIM
pin is higher than 1.5V or DIM pin is floated,
maximum LED current will be generated.
For PWM dimming, a PWM signal with 100Hz
to 50kHz frequency, amplitude over 1.5V
should be applied to DIM pin.
For combined PWM and analog dimming to get
a further high dimming ratio, apply a 100Hz to
50kHz PWM signal with its amplitude from 0.7V
to 1.5V to DIM pin.
DIM pin floated will deliver the maximum LED
current.
At PWM dimming off interval, an internal switch
disconnects the COMP pin capacitor from the
output of the error amplifier. Therefore, the
COMP voltage is hold at PWM off interval. This
feature improves the response speed of the
LED current and helps to achieve high dimming
ratio.
Digital dimming can achieve over 1:1000
dimming ratio with DIM frequency less than
200Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com