Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7770GF Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP7770GF Datasheet HTML 15Page - Monolithic Power Systems MP7770GF Datasheet HTML 16Page - Monolithic Power Systems MP7770GF Datasheet HTML 17Page - Monolithic Power Systems MP7770GF Datasheet HTML 18Page - Monolithic Power Systems MP7770GF Datasheet HTML 19Page - Monolithic Power Systems MP7770GF Datasheet HTML 20Page - Monolithic Power Systems MP7770GF Datasheet HTML 21Page - Monolithic Power Systems MP7770GF Datasheet HTML 22Page - Monolithic Power Systems MP7770GF Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
21
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
UVP
TIMER1
EN
NC
IN1
REF1
AGND1
PGND1
SW1
VDD1
SW2
VDD2
SW1
VDD1
1
7
6
5
4
3
2
8
24
26
19
20
21
22
23
25
VDD2
AGND2
REF2
IN2
9
10
BST1
28
27
PGND1
CBYP1
CR1
CR2
RFB2
CFB2
CF2
AGND
PGND
CF1
CFB1
RFB1
CVDDBYP
CINT1
CINT2
MP7770
TIMER2
11
NC
12
FAULT
13
OTW
14
SW2
18
PGND2
17
PGND2
16
BST2
15
CBYP2
FB1
FB2
LF2
LF1
COUT1
COUT2
CBS1
CBS2
AGND
PGND
Top
Bottom
Figure 8: Stereo SE Reference PCB Layout
UVP
TIMER1
EN
NC
IN1
REF1
AGND1
PGND1
SW1
VDD1
SW2
VDD2
SW1
VDD1
1
7
6
5
4
3
2
8
24
26
19
20
21
22
23
25
VDD2
AGND2
REF2
IN2
9
10
BST1
28
27
PGND1
CBYP1
CIN1
CIN2
RFB2
CFB2
AGND
PGND
CFB1
RFB1
CVDDBYP
CINT1
CINT2
MP7770
TIMER2
11
NC
12
FAULT
13
OTW
14
SW2
18
PGND2
17
PGND2
16
BST2
15
RIN1
RIN2
CBYP2
FB1
FB2
LF2
LF1
CFBX2
CFBX1
CBS1
CBS2
CVDDBYP
Top
Bottom
Figure 9: Mono BTL Reference PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com