Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7770GF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP7770GF Datasheet HTML 2Page - Monolithic Power Systems MP7770GF Datasheet HTML 3Page - Monolithic Power Systems MP7770GF Datasheet HTML 4Page - Monolithic Power Systems MP7770GF Datasheet HTML 5Page - Monolithic Power Systems MP7770GF Datasheet HTML 6Page - Monolithic Power Systems MP7770GF Datasheet HTML 7Page - Monolithic Power Systems MP7770GF Datasheet HTML 8Page - Monolithic Power Systems MP7770GF Datasheet HTML 9Page - Monolithic Power Systems MP7770GF Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
6
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
EP on Bottom
Pin #
EP on Top
Pin #
Name
Description
1
14
OTW
Over Temperature Warning. A low output at OTWB indicates that the
die temperature rises above 125°C. This output is open drain.
2
13
FAULT
Fault Output. A low output at FAULT indicates that the IC has detected
an over-temperature or over-current condition. This output is open
drain.
3, 12
3, 12
N/C
Not Connected.
4
4
TIMER1
Internal Timer Input for Amplifier 1. A capacitor from TIMER1 to AGND
sets the internal timer which is used for start-up pop elimination.
5
5
IN1
Inverting Input for Amplifier 1 .
6
6
REF1
Internal Analog Reference (VDD/2) for Amplifier 1. For SE
configuration, connect a bypass capacitor from REF1 to AGND (10μF).
7
7
AGND1
Analog Ground for Amplifier 1. Connect AGND1 to AGND2. Connect
PGND to AGND at a single point.
8
8
AGND2 Analog Ground for Amplifier 2. Connect AGND2 to AGND1.
9
9
REF2
Internal Analog Reference (VDD/2) for Amplifier 2. For BTL
configuration, connect a bypass capacitor from REF2 to AGND (10μF).
10
10
IN2
Inverting Input for Amplifier 2.
11
11
TIMER2
Internal Timer Input for Amplifier 2. Use a capacitor from TIMER2 to
AGND to set the internal timer for start-up pop elimination.
13
2
UVP
Under-Voltage Protection Reference Input.
14
1
EN
Enable Input for Amplifier 1. Drive EN1 high to turn on the Amplifier 1,
low to turn it off.
15
15
BST2
High-Side MOSFET Bootstrap Input for Amplifier 2. Connect a
capacitor from BST2 to SW2 to supplies the gate drive to the internal
High-Side MOSFET.
16, 17
16, 17
PGND2 Power Ground for Amplifier 2. Connect PGND2 to PGND1.
18, 19
18, 19
SW2
Switched Power Output for Amplifier 2.
20, 21
20, 21
VDD2
Power Supply Input for Amplifier 2. Bypass VDD2 to PGND2 with a
1μF X7R capacitor (in addition to the main bulk capacitor), placed
close to the VDD2 and PGND2 pins.
22, 23
22, 23
VDD1
Power Supply Input for Amplifier 1. Bypass VDD1 to PGND1 with a
1μF X7R capacitor (in addition to the main bulk capacitor), placed
close to the VDD1 and PGND1 pins.
24, 25
24, 25
SW1
Switched Power Output for Amplifier 1.
26,27
26,27
PGND1
Power Ground for Amplifier 1. Connect PGND1 to PGND2. Connect
PGND to AGND at a single point.
28
28
BST1
High-Side MOSFET Bootstrap Input for Amplifier 1. A capacitor from
BST1 to SW1 supplies the gate drive current to the internal High-Side
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com