Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7770GF Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP7770GF Datasheet HTML 12Page - Monolithic Power Systems MP7770GF Datasheet HTML 13Page - Monolithic Power Systems MP7770GF Datasheet HTML 14Page - Monolithic Power Systems MP7770GF Datasheet HTML 15Page - Monolithic Power Systems MP7770GF Datasheet HTML 16Page - Monolithic Power Systems MP7770GF Datasheet HTML 17Page - Monolithic Power Systems MP7770GF Datasheet HTML 18Page - Monolithic Power Systems MP7770GF Datasheet HTML 19Page - Monolithic Power Systems MP7770GF Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
16
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Component Selection
The MP7770 uses a minimal number of external
components to complete a stereo SE or mono
BTL Class D audio amplifier. The circuit in Figure
6 (stereo SE application circuit) and Figure 7
(mono BLT application circuit) are optimized for a
24V power supply. This circuit should be suitable
for most applications. Use the following sections
to design custom circuits.
Setting the Voltage Gain
The maximum output-voltage swing is limited by
the power supply. To achieve the maximum
output power, set the gain such that the
maximum input signal results in the maximum
output voltage swing.
For a single-ended (SE) output configuration, the
maximum output voltage VOUT(PK) is VDD/2. For a
bridge-tied-load (BTL) output configuration, the
maximum output voltage VOUT(PK) is VDD. For a
given input signal voltage, where VIN(PK) is the
peak input voltage, the maximum voltage gain is:
OUT(PK )
V
IN(PK )
V
A(MAX)
V
This voltage-gain setting results in the peak
output voltage approaching its maximum for the
maximum input signal. In some cases the
amplifier is allowed to overdrive slightly, allowing
the THD to increase at high power levels, and so
a higher gain than AV (max) is required.
Setting the Switching Frequency
The idle switching frequency (the switching
frequency when no audio input is present) is a
function of several variables: The supply voltage
VDD, the integral capacitor CINT and the feedback
resistor RFB. Lower switching frequencies result
in greater inductor ripple, causing more quiescent
output voltage ripple, and increasing the output
noise
and
distortion.
Higher
switching
frequencies result in greater power loss. The
optimum
quiescent
switching
frequency
is
approximately 600kHz. When used to drive
stereo speakers in single-ended configuration,
set right channel to an idle switching frequency
greater than 50kHz plus the left channel’s
switching frequency by using a different timing
capacitor CINT. For details, refer to the Table 2 for
recommended SE output configuration design,
and Table 3 for recommended BTL output
configuration design.
Table 2: Switching Frequency Setting For SE
Output Configuration
VDD
(V)
Gain
(V/V)
RFB
(kΩ)
RIN
(kΩ)
Left
channel
Right
channel
CINT1
(nF)
FSW1
(kHz)
CINT2
(nF)
FSW2
(kHz)
12
10
100
10
2.2
635
1.8
705
12
20
100
4.99
2.2
635
1.8
705
24
10
75
7.5
5.6
700
4.7
740
24
20
150
7.5
2.2
780
2.7
665
30
10
51
5.1
8.2
780
10
680
30
20
150
7.5
3.3
710
2.7
780
30
30
150
4.99
3.3
710
2.7
780
34
10
51
5.1
10
785
12
610
34
20
100
4.99
4.7
780
5.6
740
34
30
150
4.99
3.9
700
3.3
775
Table 3: Switching Frequency Setting for BTL
Output Configuration
VDD
(V)
Gain
(V/V)
RFB
(kΩ)
RIN
(kΩ)
CINT1
(nF)
FSW1
(kHz)
12
10
100
10
2.2
435
12
20
100
4.99
2.2
435
12
30
150
4.99
1.0
440
24
10
100
10
3.3
490
24
20
100
4.99
2.2
570
24
30
150
4.99
1.5
480
30
10
100
10
2.2
465
30
20
100
4.99
3.3
535
30
30
150
4.99
2.2
450
34
10
100
10
3.3
560
34
20
100
4.99
3.3
560
34
30
150
4.99
2.2
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com