Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7770GF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7770GF Datasheet HTML 1Page - Monolithic Power Systems MP7770GF Datasheet HTML 2Page - Monolithic Power Systems MP7770GF Datasheet HTML 3Page - Monolithic Power Systems MP7770GF Datasheet HTML 4Page - Monolithic Power Systems MP7770GF Datasheet HTML 5Page - Monolithic Power Systems MP7770GF Datasheet HTML 6Page - Monolithic Power Systems MP7770GF Datasheet HTML 7Page - Monolithic Power Systems MP7770GF Datasheet HTML 8Page - Monolithic Power Systems MP7770GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
5
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS (8)
Circuit of Figure 6, Single-Ended Output Configuration; VDD = 34V, Gain=8.2V/V; VEN = 5V, TA =
25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
120
μA
Quiescent Current
Switching, no load
29
mA
Power Output
f = 1kHz, THD+N = 10%, 4Ω Load
41
W
f = 1kHz, THD+N = 1%, 4Ω Load
32
W
f = 1kHz, THD+N = 10%, 8Ω Load
22
W
f = 1kHz, THD+N = 1%, 8Ω Load
17
W
THD + Noise
POUT = 1W, f = 1kHz, 4Ω Load
0.05
%
POUT = 1W, f = 1kHz, 8Ω Load
0.03
%
Efficiency
f = 1kHz, POUT = 41W, 4Ω Load
91
%
f = 1kHz, POUT = 22W, 8Ω Load
95
%
Maximum Power Bandwidth
20
kHz
Dynamic Range
102
dB
Noise Floor
A-Weighted
90
μV
Power Supply Rejection
VRIPPLE=300mVPP
CR=100μF
f = 1k Hz
-60
dB
f = 217 Hz
-60
dB
Circuit of Figure 7, BTL Output Configuration; VDD = 34V, Gain=15V/V; VEN = 5V, TA = 25°C,
unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
120
μA
Quiescent Current
Switching, no load
32
mA
Power Output
f = 1kHz, THD+N = 10%, 6Ω Load
108
W
f = 1kHz, THD+N = 1%,6Ω Load
83
W
THD+ Noise
POUT = 1W, f = 1kHz, 6Ω Load
0.06
%
POUT = 1W, f = 1kHz, 8Ω Load
0.04
%
Efficiency
f = 1kHz, POUT = 108W, 6Ω Load
91
%
f = 1kHz, POUT = 84W, 8Ω Load
95
%
Maximum Power Bandwidth
20
kHz
Dynamic Range
105
dB
Noise Floor
A-Weighted
120
μV
Power Supply Rejection
VRIPPLE=300mVPP
f = 1k Hz
-60
dB
f = 217 Hz
-60
dB
Note:
8) Operating Specifications are for the IC in Typical Application circuit (Figure 6 and Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com