Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7770GF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP7770GF Datasheet HTML 9Page - Monolithic Power Systems MP7770GF Datasheet HTML 10Page - Monolithic Power Systems MP7770GF Datasheet HTML 11Page - Monolithic Power Systems MP7770GF Datasheet HTML 12Page - Monolithic Power Systems MP7770GF Datasheet HTML 13Page - Monolithic Power Systems MP7770GF Datasheet HTML 14Page - Monolithic Power Systems MP7770GF Datasheet HTML 15Page - Monolithic Power Systems MP7770GF Datasheet HTML 16Page - Monolithic Power Systems MP7770GF Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
13
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP7770 is a Class D Audio Amplifier that
drives
stereo
speakers
in
single-ended
configuration or a mono speaker in bridge-tied-
load configuration. It uses MPS’s patented
Analog Adaptive ModulationTM technology to
convert the audio input signal into pulses.
These pulses drive an internal high-current
output stage and—when filtered through an
external inductor-capacitor filter—reproduce the
input signal across the load. Because of the
switching
Class
D
output
stage,
power
dissipation in the amplifier is drastically reduced
when compared against Class A, B or A/B
amplifiers, and maintains high fidelity with low
distortion.
REF1 and REF2 are the positive inputs of the
two amplifiers. They are set to half the DC
power supply input voltage (VDD/2) by the
internal
circuit.
The
input
capacitor
CIN
decouples the AC signal at the input.
The input resister RIN and the feedback resistor
RFB set the amplifier voltage gain as calculated
by the equation:
IN
FB
R
R
AV
Where:
 Channel 1: RFB=RFB1 and RIN=RIN1
 Channel 2: RFB=RFB2 and RIN=RIN2.
The
MP7770
includes
four
high-power
MOSFETs; For each channel, the output driver
stage uses two 100mΩ N-channel MOSFETs to
deliver pulses to the LC output filter to drive the
load. To enhance the high-side MOSFET (HS-
FET), the gate is driven to a voltage higher than
the source by the bootstrap capacitor between
SW and BS. When the output is low, the
bootstrap capacitor is charged from VDD through
an internal circuit on the MP7770. The gate of
the HS-FET is driven high by the BST voltage,
forcing the MOSFET gate to a voltage higher
than VDD, thus allowing the MOSFET to turn on
and reducing amplifier power loss.
Pop Elimination
When
used
in
a
single-ended
output
configuration, the capacitors COUT1 and COUT2
block the DC signal and pass the AC signals to
the load. To insure that the amplifier only
passes low-frequency signals, the time constant
of COUT*RLOAD is large. However, when EN goes
high, the capacitor charges over a long period
and can result in turn-on/turn-off “pop” In typical
amplifiers.
The MP7770 integrates a source-current
function to charge the DC block capacitors
COUT1 and COUT2 and CIN1 and CIN2 at start-up.
Two internally-generated currents flow to the
SW pin (Iinitialization_SW) and the IN pin (Iinitialization_IN)
during start-up, which helps to eliminate turn-on
pop. The rising/falling slew rate of the SW node
start-up current (Iinitialization_SW) is out of audio
band (means rise and falling gradually), can be
adjusted from the timer capacitor CTIMER and the
voltage of SW node; The larger the CTIMER
capacitance, the smaller the slew rate of the
Iinitialization_SW.
After driving the EN pin low, the output SW
immediately switches to high impedance to
eliminate turn-off pop.
Short Circuit/Overload Protection and
Monitoring
The MP7770 is fully-protected against over-
current and thermal overload conditions as
explained below and \shown in Figure2.
Short Circuit/Overload Protection
The MP7770 has internal overload and short-
circuit protection. The currents in both the high-
side and low-side MOSFETs (LS-FETs) are
measured and if the current exceeds the short
circuit
current
limit
(typically
8A),
both
MOSFETs will be turned off for a fixed duration
(around 1ms) before resuming normal operation.
After the fixed duration and the short circuit
condition is removed, the MP7770 will restart
with the start-up sequence that is used for
normal starting to prevent a pop from occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com