Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP18021 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP18021
Description  100V High Frequency Half-Bridge Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18021 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP18021 Datasheet HTML 1Page - Monolithic Power Systems MP18021 Datasheet HTML 2Page - Monolithic Power Systems MP18021 Datasheet HTML 3Page - Monolithic Power Systems MP18021 Datasheet HTML 4Page - Monolithic Power Systems MP18021 Datasheet HTML 5Page - Monolithic Power Systems MP18021 Datasheet HTML 6Page - Monolithic Power Systems MP18021 Datasheet HTML 7Page - Monolithic Power Systems MP18021 Datasheet HTML 8Page - Monolithic Power Systems MP18021 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP18021―100V HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18021 Rev. 1.0
www.MonolithicPower.com
2
8/8/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP18021HN
SOIC8EP
MP18021HN
–40
C to + 125C
* For Tape & Reel, add suffix –Z (e.g. MP18021HN–Z);
For RoHS compliant packaging, add suffix –LF; (e.g. MP18021HN–LF–Z)
PACKAGE REFERENCE
VDD
BST
DRVH
SW
DRVL
VSS
INL
INH
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VDD)....................–0.3V to +18V
SW Voltage (VSW) ........................–5.0V to 100V
BST Voltage (VBST) .......................-0.3V to 100V
BST to SW ...................................–0.3V to +18V
DRVH to SW................................–0.3V to +18V
All Other Pins......................–0.3V to (VDD+0.3V)
Continuous Power Dissipation
(TA =+25°C)
(2)
............................................................. 2.6W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature.............. –65°C to +150
C
Recommended Operating Conditions
(3)
Supply Voltage VDD .....................+9.0V to 16.0V
SW Voltage (VSW) ..................-1.0V to 100V-VDD
SW slew rate......................................<50V/nsec
Operating Junct. Temp (TJ)..... –40C to +140C
Thermal Resistance
(4)
θJA
θJC
SOIC8 (Exposed Pad) ............ 48 ...... 10...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com