Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP18021 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP18021
Description  100V High Frequency Half-Bridge Gate Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18021 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP18021 Datasheet HTML 1Page - Monolithic Power Systems MP18021 Datasheet HTML 2Page - Monolithic Power Systems MP18021 Datasheet HTML 3Page - Monolithic Power Systems MP18021 Datasheet HTML 4Page - Monolithic Power Systems MP18021 Datasheet HTML 5Page - Monolithic Power Systems MP18021 Datasheet HTML 6Page - Monolithic Power Systems MP18021 Datasheet HTML 7Page - Monolithic Power Systems MP18021 Datasheet HTML 8Page - Monolithic Power Systems MP18021 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP18021―100V HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18021 Rev. 1.0
www.MonolithicPower.com
5
8/8/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
Supply input. This pin supplies power to all the internal circuitry. A decoupling capacitor to
ground must be placed close to this pin to ensure stable and clean supply.
2
BST
Bootstrap. This is the positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW pin.
3
DRVH Floating driver output.
4
SW
Switching node.
5
INH
Control signal input for the floating driver.
6
INL
Control signal input for the low side driver.
7
VSS,
Exposed
Pad
Chip ground. Connect to Exposed pad to VSS for proper thermal operation.
8
DRVL
Low side driver output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com